Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4899 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC4899
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4899 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC4899 Datasheet HTML 2Page - Renesas Technology Corp 2SC4899 Datasheet HTML 3Page - Renesas Technology Corp 2SC4899 Datasheet HTML 4Page - Renesas Technology Corp 2SC4899 Datasheet HTML 5Page - Renesas Technology Corp 2SC4899 Datasheet HTML 6Page - Renesas Technology Corp 2SC4899 Datasheet HTML 7Page - Renesas Technology Corp 2SC4899 Datasheet HTML 8Page - Renesas Technology Corp 2SC4899 Datasheet HTML 9Page - Renesas Technology Corp 2SC4899 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4899
Rev.3.00 Aug 10, 2005 page 8 of 9
S Parameter
(VCE = 1 V, IC = 0.5 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.983
–7.8
1.76
172.6
0.0295
85.3
0.996
–4.5
200
0.974
–16.2
1.71
165.0
0.0604
79.3
0.987
–9.1
300
0.958
–24.3
1.69
157.1
0.0910
73.8
0.972
–13.7
400
0.936
–32.1
1.65
149.9
0.118
68.9
0.954
–17.9
500
0.904
–39.4
1.59
142.8
0.143
64.1
0.933
–22.0
600
0.877
–46.3
1.55
135.7
0.165
59.6
0.909
–26.0
700
0.845
–53.1
1.48
129.3
0.184
55.5
0.886
–29.3
800
0.799
–59.4
1.44
123.2
0.199
51.9
0.861
–32.9
900
0.781
–66.6
1.39
117.4
0.214
48.3
0.835
–35.9
1000
0.738
–72.6
1.36
112.3
0.225
45.3
0.810
–38.5
1100
0.714
–78.0
1.32
107.2
0.235
43.5
0.791
–40.9
1200
0.683
–83.8
1.25
102.6
0.249
40.2
0.783
–44.0
1300
0.657
–89.0
1.21
98.3
0.253
37.0
0.758
–46.7
1400
0.626
–94.6
1.18
93.8
0.256
34.8
0.734
–48.7
1500
0.603
–99.6
1.14
89.8
0.259
32.9
0.717
–50.9
1600
0.585
–104.8
1.09
85.9
0.260
31.1
0.702
–52.7
1700
0.567
–109.5
1.06
82.5
0.261
29.6
0.687
–54.7
1800
0.553
–114.2
1.04
79.1
0.261
28.0
0.674
–56.6
1900
0.538
–119.8
1.02
76.5
0.260
27.1
0.659
–58.7
2000
0.524
–123.9
0.994
73.7
0.258
25.6
0.647
–60.5
S Parameter
(VCE = 1 V, IC = 1 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.956
–10.5
3.49
171.1
0.0298
83.7
0.991
–6.1
200
0.938
–20.8
3.37
162.3
0.0596
77.0
0.972
–12.0
300
0.912
–31.1
3.26
153.2
0.0874
70.7
0.945
–18.1
400
0.871
–40.9
3.12
145.1
0.112
65.1
0.910
–23.4
500
0.830
–50.1
2.94
137.9
0.133
60.0
0.871
–28.1
600
0.782
–57.6
2.80
130.6
0.151
56.0
0.831
–32.5
700
0.740
–65.8
2.63
124.0
0.164
51.9
0.795
–36.1
800
0.686
–73.0
2.48
118.2
0.175
48.8
0.759
–39.4
900
0.656
–80.7
2.35
112.5
0.185
45.9
0.725
–42.4
1000
0.613
–87.2
2.24
107.9
0.192
43.8
0.694
–44.8
1100
0.582
–93.3
2.13
103.8
0.200
42.8
0.672
–47.0
1200
0.551
–99.1
2.00
99.3
0.210
40.3
0.662
–49.8
1300
0.532
–104.7
1.91
95.3
0.210
38.1
0.631
–52.4
1400
0.505
–111.4
1.82
91.6
0.213
37.2
0.606
–53.8
1500
0.483
–116.3
1.74
88.1
0.215
36.3
0.587
–55.6
1600
0.461
–121.2
1.66
84.9
0.216
35.6
0.573
–57.3
1700
0.445
–127.2
1.59
81.9
0.217
34.9
0.558
–58.6
1800
0.435
–132.0
1.54
78.9
0.219
35.0
0.545
–60.3
1900
0.425
–137.6
1.49
76.7
0.221
34.7
0.531
–61.8
2000
0.413
–141.4
1.45
73.9
0.221
34.6
0.519
–63.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com