Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RBN6TP Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95640-RBN6TP
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RBN6TP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95640-RBN6TP Datasheet HTML 8Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 9Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 10Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 11Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 12Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 13Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 14Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 15Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
M95640, M95320
12/39
INSTRUCTIONS
Each instruction starts with a single-byte code, as
summarized in Table 4.
If an invalid instruction is sent (one not contained
in Table 4), the device automatically deselects it-
self.
Table 4. Instruction Set
Figure 9. Write Enable (WREN) Sequence
Write Enable (WREN)
The Write Enable Latch (WEL) bit must be set pri-
or to each WRITE and WRSR instruction. The only
way to do this is to send a Write Enable instruction
to the device.
As shown in Figure 9, to send this instruction to the
device, Chip Select (S) is driven Low, and the bits
of the instruction byte are shifted in, on Serial Data
Input (D). The device then enters a wait state. It
waits for a the device to be deselected, by Chip
Select (S) being driven High.
Instruc
tion
Description
Instruction
Format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com