Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RBN6TP Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95640-RBN6TP
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RBN6TP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95640-RBN6TP Datasheet HTML 20Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 21Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 22Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 23Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 24Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 25Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 26Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 27Page - STMicroelectronics M95640-RBN6TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
M95640, M95320
24/39
Table 14. DC Characteristics (M95xxx, temperature range 3)
Note: 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards.
2. Current product: identified by Process Identification letter S.
3. New product: identified by Process Identification letter B.
Table 15. DC Characteristics (M95xxx-W, temperature range 6)
Note: 1. Current product: identified by Process Identification letter S.
2. New product: identified by Process Identification letter V.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C= 0.1VCC/0.9VCC at 2 MHz,
VCC = 5 V, Q = open, Current Product
2
2mA
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 5 V, Q = open, New Product
3
4
mA
ICC1
Supply Current
(Stand-by)
S = VCC , VCC = 5 V,
VIN = VSS or VCC, Current Product
2
20
µA
S = VCC , VCC = 5 V,
VIN = VSS or VCC, New Product
3
5
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
1
Output Low Voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
1
Output High Voltage
IOH = –2 mA, VCC = 5V
0.8VCC
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C= 0.1VCC/0.9VCC at 2 MHz,
VCC = 2.5 V, Q = open, Current Product
1
2mA
C= 0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open, New Product
2
3
mA
ICC1
Supply Current
(Stand-by)
S = VCC , VCC = 2.5 V,
VIN = VSS or VCC, Current Product
1
2µA
S = VCC , VCC = 2.5 V
VIN = VSS or VCC, New Product
2
1
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output High Voltage
IOH = –0.4 mA, VCC = 2.5 V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com