Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETF02STRL Datasheet(PDF) 3 Page - International Rectifier

Part # 20ETF02STRL
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF02STRL Datasheet(HTML) 3 Page - International Rectifier

  20ETF02STRL Datasheet HTML 1Page - International Rectifier 20ETF02STRL Datasheet HTML 2Page - International Rectifier 20ETF02STRL Datasheet HTML 3Page - International Rectifier 20ETF02STRL Datasheet HTML 4Page - International Rectifier 20ETF02STRL Datasheet HTML 5Page - International Rectifier 20ETF02STRL Datasheet HTML 6Page - International Rectifier 20ETF02STRL Datasheet HTML 7Page - International Rectifier 20ETF02STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
0.9
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
°C/W
to Ambient (PCB Mount)**
T
s
Soldering Temperature
240
°C
wt
Approximate Weight
2 (0.07)
g (oz.)
Case Style
D
2Pak
Thermal-Mechanical Specifications
Parameters
20ETF..
Units
Conditions
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
**Whenmountedon1"square(650mm2)PCBofFR-4orG-10material4oz(140µm)copper40°C/W
Forrecommendedfootprintandsolderingtechniquesrefertoapplicationnote#AN-994
70
80
90
100
110
120
130
140
150
02468 10 12 14 16 18 20 22
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
20ETF.. Series
R
(DC) = 0.9 K/W
thJC
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
20ETF.. Series
R
(DC) = 0.9 K/W
thJC
0
5
10
15
20
25
30
35
0
5
10
15
20
25
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
20ETF.. Series
T = 150°C
J
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
20ETF.. Series
T = 150°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com