Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETF02STRL Datasheet(PDF) 4 Page - International Rectifier

Part # 20ETF02STRL
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF02STRL Datasheet(HTML) 4 Page - International Rectifier

  20ETF02STRL Datasheet HTML 1Page - International Rectifier 20ETF02STRL Datasheet HTML 2Page - International Rectifier 20ETF02STRL Datasheet HTML 3Page - International Rectifier 20ETF02STRL Datasheet HTML 4Page - International Rectifier 20ETF02STRL Datasheet HTML 5Page - International Rectifier 20ETF02STRL Datasheet HTML 6Page - International Rectifier 20ETF02STRL Datasheet HTML 7Page - International Rectifier 20ETF02STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
Fig. 9 - Recovery Time Characteristics, T
J
= 150°C
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
50
100
150
200
250
300
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
20ETF.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
50
100
150
200
250
300
350
400
450
500
550
0.001
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
20ETF.. Series
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
1
10
100
1000
01
23
45
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
20ETF.. Series
0
0.05
0.1
0.15
0.2
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 25 °C
J
FM
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T = 150 °C
J
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com