Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6633 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6633
Description  Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6633 Datasheet(HTML) 1 Page - Analog Devices

  AD6633 Datasheet HTML 1Page - Analog Devices AD6633 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multichannel Digital Upconverter with
VersaCREST™ Crest Reduction Engine
AD6633
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
4 or 6 wideband digital upconverter channels
VersaCREST crest reduction engine reduces demands on
external power amplifiers
One 20-bit complex input port (I, Q interleaved), shared
among 4 or 6 processing channels
Two 18-bit output ports for parallel I and Q or a single 18-bit
output port for interleaved I and Q
All-pass phase equalizer filters (meets IS-95 requirements)
Programmable RAM coefficient FIR filters (RCF) with
resampling
FIR interpolating filters, 2 per channel
Fifth-order interpolating CIC filter, 1 per channel
Full complex NCO, 32-bit tuning resolution (fine), worst spur
better than −105 dBc, 1 per channel
Complex FIR filter for frequency equalization or additional
filtering
Output automatic gain control
Full complex composite NCO, 6-bit tuning resolution
16-bit/8-bit MicroPort (Intel® or Motorola® mode)
Serial control port (SPI®- or SPORT-compatible)
3.3 V I/O and 1.8 V core supplies
JTAG boundary scan
User-configurable, built-in, self-test (BIST) capability
APPLICATIONS
Cellular/PCS basestations
Micro/pico cell basestations
Multicarrier cdma2000®, WCDMA, TD-SCDMA basestations
Broadband wireless access head ends (LMDS, MMDS)
Software defined radios
High speed signal processing applications
GENERAL DESCRIPTION
The AD6633 is a multichannel, wide bandwidth digital
upconverter (DUC) with crest factor reduction (CFR) technology,
which is available in 4-channel or 6-channel versions. It processes
20-bit baseband input data and generates 18-bit, wideband, real,
or complex output data at up to 125 MSPS. This rate is suitable
for driving digital-to-analog converters (DACs) at the first
intermediate frequency (IF) directly.
The AD6633 synthesizes multicarrier and multistandard digital
signals to drive the DAC(s) with up to six wideband modulated
carriers from a single output port. Each channel includes an
internal peak-to-average power reduction block that reduces
power amplifier (PA) power dissipation. The user-configurable
interpolating filter (RCF) provides multirate processing
(including resampling) and malleable FIR filter characteristics.
An all-pass phase equalizer designed to comply with the
cdma2000 standard follows the RCF. Each channel has its own
32-bit numerically-controlled oscillator (NCO) to up-convert
the filtered/interpolated data to the first IF. Interpolation, anti-
image filtering, all-pass equalization, and NCO tuning functions
are combined in a single, cost-effective device.
Digital IF signal processing provides repeatable manufacturing,
higher accuracy, and more flexibility than comparable high
dynamic range analog designs. The AD6633 uses a 3.3 V I/O
power supply and a 1.8 V core power supply. Typical power
consumption is 75 mW per channel or 1.4 W for the complete
device. All I/O pins are 5 V tolerant. All control registers and
coefficient values are programmed through a generic 16-bit
microprocessor interface or a SPI/SPORT-compatible serial
port. Intel and Motorola microprocessor bus modes are
supported. All inputs and outputs are LVCMOS-compatible.
For more information about the AD6633, contact Analog Devices
via email at versaCOMM@analog.com.
INPUT
CLOCK
MULTIPLEXED
I AND Q DATA[19:0]
I/Q
CH[2:0]
INPUT ACK
INPUT REQ
MUX
AND
FIFO
VersaCREST
WIDEBAND CHANNEL
Q[17:0]
I[17:0]
GAIN[2:0]
Figure 1. Functional Block Diagram


Similar Part No. - AD6633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
More results

Similar Description - AD6633

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
Digital UpConverter
1999 01
logo
STMicroelectronics
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
878Kb / 80P
Crest Factor Reduction Processor
logo
STMicroelectronics
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
logo
Texas Instruments
GC5318 TI-GC5318 Datasheet
553Kb / 45P
HIGH-DENSITY DIGITAL UPCONVERTER
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
Crest Factor Reduction Processor
logo
STMicroelectronics
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
logo
Analog Devices
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com