Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet (PDF) - STMicroelectronics

STA304 Datasheet PDF - STMicroelectronics
Part # STA304
Download  STA304 Download
File Size   335.05 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?

STA304 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA304 Datasheet PDF - STMicroelectronics

Part # STA304
Download  STA304 Click to download

File Size   335.05 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?

STA304 Datasheet (HTML) - STMicroelectronics


STA304 Product details

DESCRIPTION
The STA304 Digital Audio Processor is a single chip device implementing end to end digital solution for audio application. In conjunction with STA500 power bridge it gives the full digital DSP-to-power high quality chain with no need for audio Digital-to-Analog converters between DSP and power stage.
   
■ END TO END DIGITAL AUDIO INTEGRATED
    SOLUTION
■ · DSP Functions:
    - DIGITAL VOLUME CONTROL
    - SOFT MUTE
    - BASS and TREBLE
    - PARAMETRIC EQ PER CHANNEL
    - BASS MANAGEMENT FOR SUBWOOFER
    - AUTO MUTE ON ZERO INPUT DETECTION
■ 4+1 DIRECT DIGITAL AMPLIFICATION
    (DDX™) OUTPUT CHANNELs
■ 6 CHANNELs PROGRAMMABLE SERIAL
    OUTPUT INTERFACE (by default I2S)
■ 4 CHANNELs PROGRAMMABLE SERIAL
    INPUT INTERFACE (by default I2S)
■ STEREO S/PDIF INPUT INTERFACE
■ Intel AC97 LINK (rev. 2.1) INPUT INTERFACE
    FOR AUDIO AND CONTROL
■ ON CHIP AUTOMATIC INPUT SAMPLING
    FREQUENCY DETECTION
■ 100 dB SNR SAMPLE RATE CONVERTER
    (1KHz SINUSOIDAL INPUT)
■ I2C CONTROL BUS
■ LOW POWER 3.3V CMOS TECHNOLOGY
■ EMBEDDED PLL FOR INTERNAL CLOCK
    GENERATION (1024x48 kHz = 49.152 MHz)
■ 24.576 MHz EXTERNAL INPUT CLOCK OR
    BUILT-IN INDUSTRY STANDARD XTAL
    OSCILLATOR.
   




Similar Part No. - STA304

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA304A SANKEN-STA304A Datasheet
21Kb / 1P
NPN Darlington 3-phase motor drive
logo
STMicroelectronics
STA304A STMICROELECTRONICS-STA304A Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
More results


Similar Description - STA304

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
logo
STMicroelectronics
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
Multichannel digital audio processor with FFXTM
21-Oct-2013
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com