Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 4 Page - STMicroelectronics

  STA304 Datasheet HTML 1Page - STMicroelectronics STA304 Datasheet HTML 2Page - STMicroelectronics STA304 Datasheet HTML 3Page - STMicroelectronics STA304 Datasheet HTML 4Page - STMicroelectronics STA304 Datasheet HTML 5Page - STMicroelectronics STA304 Datasheet HTML 6Page - STMicroelectronics STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
STA304
4/30
PIN
NAME
TYPE
DESCRIPTION
PAD TYPE
17
VCC
Analog Supply Voltage
18
RXP
I
S/PDIF receiver positive
Analog In
19
RXN
I
S/PDIF receiver negative
Analog In
20
VSS
Analog Ground
21
LFE_B
O
Pwm LFE (subwoofer) output channel (B)
CMOS Out 3mA
22
LFE_A
O
Pwm LFE (subwoofer) output channel (A)
CMOS Out 3mA
23
SRIGHT_B
O
Pwm Surround Right output channel (B)
CMOS Out 3mA
24
SRIGHT_A
O
Pwm Surround Right output channel (A)
CMOS Out 3mA
25
GND_3
Digital Ground
26
VDD_3
Digital Supply Voltage
27
RIGHT_B
O
Pwm Right output channel (B)
CMOS Out 3mA
28
RIGHT_A
O
Pwm Right output channel (A)
CMOS Out 3mA
29
LEFT_B
O
Pwm Left output channel (B)
CMOS Out 3mA
30
LEFT_A
O
Pwm Left output channel (A)
CMOS Out 3mA
31
GND_4
Digital Ground
32
VDD_4
Digital Supply Voltage
33
SLEFT_B
O
Pwm Surround Left output channel (B)
CMOS Out 3mA
34
SLEFT_A
O
Pwm Surround Left output channel (A)
CMOS Out 3mA
35
EAPD
O
External Amplifier Powerdown (Active Low)
CMOS Out 2mA
36
LRCKO
I/O
Output I2S Left/Right Clock
CMOS In / CMOS Out 2mA
37
SDO_1
O
Output I2S Serial Data 1
CMOS Out 2mA
38
SDO_2
O
Output I2S Serial Data 2
CMOS Out 2mA
39
SDO_3
O
Output I2S Serial Data 3
CMOS Out 2mA
40
SCKO
I/O
Output I2S Serial Clock
CMOS In / CMOS Out 4mA
41
GND_5
Digital Ground
42
VDD_5
Digital Supply Voltage
43
CKOUT
O
Clock Output (12 /24 MHz)
CMOS Out 8mA
44
PWDN
I
Device Powerdown (Active Low)
CMOS In Pull-Up
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com