Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics STA304 Datasheet HTML 10Page - STMicroelectronics STA304 Datasheet HTML 11Page - STMicroelectronics STA304 Datasheet HTML 12Page - STMicroelectronics STA304 Datasheet HTML 13Page - STMicroelectronics STA304 Datasheet HTML 14Page - STMicroelectronics STA304 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STA304
11/30
6.0 SAMPLE RATE CONVERTER
The sample rate converter resamples the selected input data source in order to send to the DSP an audio
stream with a fixed frequency of 48 KHz. The following picture show the basic architecture.
Figure 4.
The selection between X2 Fir interpolation or direct antialiasing Filter on input data is made automatically by the
threshold selector block. If the input sampling frequency (measured by DRLL) is high than the SRC threshold
(see Table 2 section 12.9), the direct antialising filter is selected, otherwise if the input frequency is lower than
the SRC threshold, the X2 FIR filter is added the data path. A 1kHz hysteresis is fixed around the SRC threshold
nominal values of tab. 2 section 12.9, to prevent unstable oscillations. In figure 5 the DRLL lock phase is shown
for 32kHz,44.1kHz, 48kHz and 96kHz input frequency. Note that only after this phase (including the flat part of
the graph) the SRC performances are in spec.
Figure 5. DRLL lock delay
Interpolation
FIR x2
Anti-Alias
FILT
Interpolation
FIR x2
2x Fs
Fs
Fs
DATA_IN
Sinc 6
Async.
DRLL
LRCK_IN
Thresh.
Selector
RATIO
4xFs or 2xFs
DATA_OUT
48KHz
0
0.05
0.1
0.15
0.2
0.25
0
1
2
3
4
5
6
7
8
9
10
x 10
4
Second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com