Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 3 Page - STMicroelectronics

  STA304 Datasheet HTML 1Page - STMicroelectronics STA304 Datasheet HTML 2Page - STMicroelectronics STA304 Datasheet HTML 3Page - STMicroelectronics STA304 Datasheet HTML 4Page - STMicroelectronics STA304 Datasheet HTML 5Page - STMicroelectronics STA304 Datasheet HTML 6Page - STMicroelectronics STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
STA304
3/30
PIN CONNECTION (Top view)
PIN FUNCTION
PIN
NAME
TYPE
DESCRIPTION
PAD TYPE
1
SDI_1 / SDATA_OUT
I
Input I2S Serial Data 1 / AC97 Output Data
CMOS Schmitt In
2
SDI_2 / SDATA_IN
I/O
Input I2S Serial Data 2 / AC97 Input Data
CMOS In / CMOS Out 2mA
3
LRCKI / SYNC
I/O
Input I2S Left/Right Clock / AC97 Synch.
Clock
CMOS In / CMOS Out 2mA
4
BICKI / BIT_CLK
I/O
Input I2S Serial Clock / AC97 Bit Clock
CMOS In / CMOS Out 4mA
5
VDD_1
Digital Supply Voltage
6
GND_1
Digital Ground
7
RESET
I
Global Reset
(This pin is sensed only after 2 clock cycles)
CMOS Schmitt In Pull-Up
8
AC97_MODE
I
AC97 Enable / Disable (1=AC97; 0=I2S/
SPDIF)
CMOS Schmitt In Pull-Down
9
SDA
I/O
I2C Serial Data
CMOS In / CMOS Out 2mA
10
SCL
I
I2C Serial Clock
CMOS In
11
SA
AC97 Primary/Secondary Codec Selector
CMOS In
12
TEST_MODE
I
Test Mode (Active High)
CMOS
13
VDD_2
Digital Supply Voltage
14
XTI
I
Crystal Input (Clock input)
Analog IN
15
XTO
O
Crystal Output
CMOS Out Oscill. Pad
16
GND_2
Digital Ground
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
SDI_1/SDATA_OUT
SDI_2/SDATA_IN
LRCKI/SYNC
BICKI/BIT_CLK
VDD_1
GND_1
RESET
AC97_MODE
SDA
SCL
SA
SRIGHT_B
SRIGHT_A
GND_3
VDD_3
RIGHT_B
RIGHT_A
LEFT_B
LEFT_A
GND_4
VDD_4
SLEFT_B
D00AU1160
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com