Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 12Page - STMicroelectronics STA304 Datasheet HTML 13Page - STMicroelectronics STA304 Datasheet HTML 14Page - STMicroelectronics STA304 Datasheet HTML 15Page - STMicroelectronics STA304 Datasheet HTML 16Page - STMicroelectronics STA304 Datasheet HTML 17Page - STMicroelectronics STA304 Datasheet HTML 18Page - STMicroelectronics STA304 Datasheet HTML 19Page - STMicroelectronics STA304 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
STA304
16/30
Each channel has a 4 stage cascaded 2nd order filter. The user can set each filter coefficients (see paragraph
10). The coefficient for the Left and Right channels are common, as well as the coefficients for the surrounds.
There is also an input scaling factor for each channel which can be set with values from 0 to -1. The scaling
factor should be set to an appropriate value that will prevent the filter going into saturation.
The Static EQ filters are activated by setting Static EQ and Side Firing register (add. 70h, see section 12.12).
10.3 Surround Side Firing
Instead of the normal filters described in the previous section above, a special topology is available for the sur-
round channels:
Figure 10.
By designing appropriate filters special surround sound can be achieved for a system which its surround speak-
ers are located next to the front speakers and are rotated to the sides (see picture). The Side firing topology is
enabled by setting Static EQ and Side Firing register (add. 70h, see section 12.12).
Figure 11. Speaker System with Side-Firing positioning
Scale in
Factor
bi-quad0
bi-quad1
+
and Phase
Invering
+
Left Surround
Input
Left Surround
Output
bi-quad2
bi-quad3
Scale in
Factor
bi-quad0
bi-quad1
Right Surround
Input
bi-quad2
bi-quad3
Right Surround
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com