Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 5Page - STMicroelectronics STA304 Datasheet HTML 6Page - STMicroelectronics STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics STA304 Datasheet HTML 10Page - STMicroelectronics STA304 Datasheet HTML 11Page - STMicroelectronics STA304 Datasheet HTML 12Page - STMicroelectronics STA304 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
STA304
9/30
4.0 I2S OUTPUT INTERFACE CONFIGURATION
In order to configure the I2S output interface the
Configuration Register B (CRB) can be used. Using the 3
I2SO_Align_x bits one of 6 configuration mode can be selected. Following is a table describing each one of
them.
By default standard I2S output interface master is provided (mode 1 in bits 8,9,10 of register CRB,
I2SO_BICK_Pol = 1 and I2SO_LRCK_Pol = 0 in the same register)
4.1 Switching characteristics (10 pf load; Fsm=48 KHz):
Figure 3.
MODE
# of SLOTS
W. LENGHT
ALIGNMENT
DELAY SLOT
NOTES
0
32
24
Left
No
1
32
24
Left
Yes
2
32
16
Right
No
MSb first only
3
32
24
Right
No
4
24
24
Left
No
Slave only
5
Not valid
Not valid
Not valid
Not valid
Reserved, do not use.
6
24
16
Right
No
MSb first only. Slave only
7
24
24
Right
No
Slave only
SCKO frequency (master mode):
64 Fsm
(slave mode):
64 Fsm
SCKO pulse width low (T0) (slave mode):
min 40 ns.
SCKO pulse width high (T1) (slave mode):
min 40 ns.
SCKO active to LRCKO edge delay (T2):
min 20 ns.
SCKO active to LRCKO edge setup (T3):
min 20 ns.
SDO valid to SCKO active setup (T4):
min 20 ns.
SCKO active to SDO hold time (T5):
min 20 ns.
SCKO falling to LRCKO edge (T6) (master mode):
min 2 ns; max 8 ns.
SCKO falling to SDO edge(T7) (master mode):
min 2 ns; max 8 ns.
(slave mode):
min 6 ns; max 17 ns
T2
T3
T0
T1
T5
T7
T4
T6
D00AU1245
LRCKO
BICKO
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com