Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA304 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA304
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA304 Datasheet HTML 3Page - STMicroelectronics STA304 Datasheet HTML 4Page - STMicroelectronics STA304 Datasheet HTML 5Page - STMicroelectronics STA304 Datasheet HTML 6Page - STMicroelectronics STA304 Datasheet HTML 7Page - STMicroelectronics STA304 Datasheet HTML 8Page - STMicroelectronics STA304 Datasheet HTML 9Page - STMicroelectronics STA304 Datasheet HTML 10Page - STMicroelectronics STA304 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STA304
7/30
to a read request the actual value of this signal is returned, not the RAM content. Due to this fact the relative
RAM register content can be incongruous.
•
Regs. 2Ch, 2Eh and 30h (Audio Sample Rate Control):
These three registers are used to setup the sample rate when the Variable Rate Mode is enabled. In re-
sponse to a read request on one of these registers the actual value returned can be either BB80h or AC44h,
depending on the status of an internal hardware signal; the status of this signal is updated every time a write
operation into one of these register is performed.
For more details regarding a specific bit please refer to the appropriate paragraph.
In order to be as much compliant to the specification as possible two different mode of operation has been in-
troduced. Using the
AC97_FC_Mode configuration bit the interface can be configured in Full-Compliant mode
(default): in this mode the value returned as response to a read operation will be properly masked in order to
set ‘reserved’ bits to 0, as from specification. This operation is performed on all registers included the Standard
or Extended Audio address space. If the Full-Compliant mode is not selected the full 16 bits data from the cor-
responding RAM register will be returned with no further manipulation.
If an odd-addressed register reading operation is performed the following scheme is adopted:
•
Slot 0:
report valid bit set to 1 for both slot 1 and slot 2
•
Slot 1 (address): report the odd address
•
Slot 2 (data):
report all 0s
2.2 Writing AC `97 Registers
When a write operation into one of the available AC`97 registers is performed the entire 16 bits data word is
written into the related RAM register (also
reserved bits are passed through). Some bits of some register may
have a corresponding
hardware register (Flip-Flop), used to control the internal status of the device: in this case
the value of the FF is also updated every time a write to the related RAM register is performed. The status of
these FF is reverted to their default values after a hardware reset or a software reset (writing to reg. 00h) request
has been issued; as a consequence also the DSP will have to reset the RAM register contents.
Some register may have a different behaviour from the one depicted above. Here is a brief summary of those
registers.
•
Regs. 7Ch and 7Eh:
These are the Vendor ID1 and ID2 registers. Any write request to one of these will be ignored.
•
Regs. 28h:
The ‘
Extended Audio ID Register’ is read only. Therefore any write request will be ignored.
•
Regs. 26h:
When a write request is issued the actual data written into the RAM register is ‘xxxxxxxxxxxx1110’, where
‘x’ stands for the incoming data.
•
Regs. 2Ah:
When a write request is issued the actual data written into the RAM register is ‘xxxxxx0111xxxxxx’, where
‘x’ stands for the incoming data.
•
Regs. 32h and 34h:
Any write request into one of these
ADC sample rate register will result in the value BB80h written into the
corresponding RAM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com