Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8380
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8380 Datasheet HTML 8Page - Analog Devices AD8380 Datasheet HTML 9Page - Analog Devices AD8380 Datasheet HTML 10Page - Analog Devices AD8380 Datasheet HTML 11Page - Analog Devices AD8380 Datasheet HTML 12Page - Analog Devices AD8380 Datasheet HTML 13Page - Analog Devices AD8380 Datasheet HTML 14Page - Analog Devices AD8380 Datasheet HTML 15Page - Analog Devices AD8380 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
–13–
AD8380
In order to obtain the best matching, the traces to each of the
VREFHI pins of the AD8380s should be connected by an
approximately same length and same width circuit trace in a
“star” configuration. The source of the VREFHI voltage should
be at the center of the “star.” Therefore, the VREFHI currents
for two devices will not share a significant length of circuit trace,
and each trace will provide an approximately equal voltage drop.
In addition, if the VREFHI traces must be long, then the traces
should be widened to minimize differences in the voltage drops
due to differences in the VREFHI input currents of different
AD8380s. The dc resistance of these traces should be less than
100 m
Ω. If the VREFHI input current is about 1 mA, then the
voltage drop will be about 100
µV.
For example, if a trace length is 5 in. long (13 cm.), then the
trace width for a 1 oz. copper foil should be wider than 0.025 in.
(0.7 mm) in order to keep the trace impedance below 100 m
Ω.
Driving a Capacitive Load
A purely capacitive load can react with output impedance of the
AD8380 resulting in overshoot and ringing in its step response.
To minimize this effect, and optimize settling time, it is recom-
mended that a 25
Ω resistor be placed in series with each of the
driver’s outputs as shown in Figure 10.
2.500V
3.3V
10V
15V
CLK
10
DB[0:9]
XFR
E/
O
R/
L
STSQ/CS
3
A[0:2]
INV
STBY
0.1 F
DVCC
VREFHI
VREFLO
AVCCDAC
AVCCBIAS
AVCC0,1
AVCC2,3
AVCC4,5
VMID
DVEE
AVEEDAC
BYP
AVEEBIAS
AVEE0
AVEE1,2
AVEE3,4
AVEE5
LOGIC
DAC
BIAS
DRIVERS
6
VID0 – VID5
7V
10 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
22 F
10 F
0.1 F
RS
24.9
(TYP FOR 6)
10 F
22 F
10 F
0.1 F
0.1 F
0.1 F
Figure 10. Interface Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com