Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380 Datasheet (PDF) - Analog Devices

AD8380 Datasheet PDF - Analog Devices
Part # AD8380
Download  AD8380 Download
File Size   219.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver

AD8380 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8380 Datasheet PDF - Analog Devices

Part # AD8380
Download  AD8380 Click to download

File Size   219.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver

AD8380 Datasheet (HTML) - Analog Devices


AD8380 Product details

PRODUCT DESCRIPTION
The AD8380 provides a fast, 10-bit latched decimating digital input that drives 6-channel high voltage drive outputs. The 10-bit input word is sequentially muxed into six separate high speed, bipolar DACs. Flexible digital input formats allow several AD8380s to be used in parallel for higher resolution displays. STSQ/CS, in conjunction with 3-bit addressable channel-loading pins, allows loading of the digital words either sequentially or randomly, and R/L control sets loading as either left to right, or vice versa. 6-channel high voltage output drivers drive to within 1.3 V of the rails to rated settling time. The output signal can be adjusted for dc signal reference, signal inversion or contrast for maximum flexibility.

FEATURES
   High-Voltage Drive to Within 1.3 V of Supply Rails
   24 V Supply for Fast Output Voltage Drivers
   High Update Rates: Fast 75 Ms/s 10-Bit Input Word Rate
   Low Power Dissipation, 550 mW with Power-Down
   Voltage Controlled Video Reference and Full-Scale
      (Contrast) Output Levels
   INV Bit Reverses Polarity of Video Signal
   Nominal 3.3 V Logic and 15 V Analog Supplies
   Flexible Logic
      Addressable or Sequential Channel Loading
      STSQ/CS Allow Parallel AD8380 Operation for XGA
         and Greater Resolution
   Drives Capacitive Loads
   26 ns Settling Time to 1% Up to 150 pF Load
   Slew Rate 270 V/μs
   Available in 44-Lead MQFP

APPLICATIONS
   Poly Si LCD Panel Analog Column Driver




Similar Part No. - AD8380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output
REV. B
More results


Similar Description - AD8380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com