Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387 Datasheet (PDF) - Analog Devices

AD8387 Datasheet PDF - Analog Devices
Part # AD8387
Download  AD8387 Download
File Size   396.64 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver

AD8387 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8387 Datasheet PDF - Analog Devices

Part # AD8387
Download  AD8387 Click to download

File Size   396.64 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver

AD8387 Datasheet (HTML) - Analog Devices


AD8387 Product details

GENERAL DESCRIPTION
The AD8387 DecDriver provides dual, fast latched, 12-bit decimating input, which drives 12 high voltage outputs. Twelve-bit input words are loaded into 12 separate high speed, bipolar DACs sequentially. Flexible digital input format allows more than one AD8387 to be used in parallel for higher resolution displays. The output signal can be adjusted for dc reference, signal inversion, and contrast for maximum flexibility.

FEATURES
   High accuracy, high-resolution voltage outputs
      1 mV channel matching
      12-bit input resolution
      Laser-trimmed outputs
   Fast settling, high voltage drive
      35 ns settling time to 0.25% into 150 pF load
      Slew rate 420 V/μs
      Outputs to within 1.3 V of supply rails
   High update rates
      Fast, 110 MHz clock
   Programmable video reference (brightness) and
      full-scale (contrast) output levels
   Flexible logic
      INV bit reverses polarity of video signal
      R/L reverses loading order of data
      ISW selects frame/row or column/dot inversion
      DSW selects single or dual data bus mode
   Output short-circuit protection
   3.3 V logic, 11 V to 18 V analog supplies
   Available in 80-lead, 12 mm × 12 mm, TQFP E-pad

APPLICATIONS
   LCD microdisplay driver




Similar Part No. - AD8387

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8387 AD-AD8387 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
AD8387 AD-AD8387_15 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
More results


Similar Description - AD8387

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
High Performance 12-Bit, 6-Channel Output
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
AD8387 AD-AD8387_15 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com