Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8382 Datasheet (PDF) - Analog Devices

AD8382 Datasheet PDF - Analog Devices
Part # AD8382
Download  AD8382 Download
File Size   864.83 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver

AD8382 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8382 Datasheet PDF - Analog Devices

Part # AD8382
Download  AD8382 Click to download

File Size   864.83 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver

AD8382 Datasheet (HTML) - Analog Devices


AD8382 Product details

PRODUCT DESCRIPTION
The AD8382 DecDriver® provides a fast, 12-bit latched decimating digital input that drives six high voltage outputs.12-bit input words are sequentially loaded into six separate, high speed, bipolar DACs. A flexible digital input format allows several AD8382s to be used in parallel for higher resolution displays.

PRODUCT FEATURES
   High accuracy, high resolution voltage outputs
      12-bit input resolution
      Laser trimmed outputs
   Fast settling, high voltage drive
      33 ns settling time to 0.25% into 200 pF load
      Slew rate 390 V/µs
      Outputs to within 1.3 V of supply
   High update rates
      Fast, 120 Ms/s data update rate
   Voltage controlled video reference (brightness) and
      full-scale (contrast) output levels
   Flexible logic
      STSQ/XFR allow parallel AD8382 operation
      INV bit reverses polarity of video signal
   Output overload protection
   Low static power dissipation: 743 mW
      Includes STBY function
   3.3 V logic, 9 V to 18 V analog supplies
   Available in 48-lead 7 mm × 7 mm LFCSP

APPLICATIONS
   LCD analog column driver




Similar Part No. - AD8382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
High Performance 12-Bit, 6-Channel Output
REV. 0
More results


Similar Description - AD8382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
528Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV.0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
High Performance 12-Bit, 6-Channel Output
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com