Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381 Datasheet (PDF) - Analog Devices

AD8381 Datasheet PDF - Analog Devices
Part # AD8381
Download  AD8381 Download
File Size   528.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver

AD8381 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8381 Datasheet PDF - Analog Devices

Part # AD8381
Download  AD8381 Click to download

File Size   528.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver

AD8381 Datasheet (HTML) - Analog Devices


AD8381 Product details

PRODUCT DESCRIPTION
The AD8381 provides a fast, 10-bit latched decimating digital input, which drives six high voltage outputs. Ten-bit input words are sequentially loaded into six separate high speed, bipolar DACs. Flexible digital input format allows several AD8381s to be used in parallel for higher resolution displays. STSQ synchronizes sequential input loading, XFR controls synchronous output updating and R/L controls the direction of loading as either left-to-right or right-to-left. Six channels of high voltage output drivers drive to within 1.3 V of the rail in rated settling time. The output signal can be adjusted for brightness, signal inversion, and contrast for maximum flexibility.

FEATURES
   High Voltage Drive:
      Rated Settling Time to within 1.3 V of Supply Rails
   Output Overload Protection
   High Update Rates:
      Fast, 100 Ms/s 10-Bit Input Word Rate
   Low Power Dissipation: 570 mW
      Includes STBY Function
   Voltage Controlled Video Reference (Brightness) and
      Full-Scale (Contrast) Output Levels
   3.3 V or 5 V Logic and 9 V to 18 V Analog Supplies
   High Accuracy:
      Laser Trimming Eliminates External Calibration
   Flexible Logic:
      INV Reverses Polarity of Video Signal
      STSQ/XFR for Parallel AD8381 Operation in
         12-Channel Systems
   Drives Capacitive Loads:
      27 ns Settling Time to 1% into 150 pF Load
      Slew Rate 265 V/μs with 150 pF Load
   Available in 48-Lead LQFP

APPLICATIONS
   LCD Analog Column Driver




Similar Part No. - AD8381

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8381 AD-AD8381 Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381 AD-AD8381 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8381-EB AD-AD8381-EB Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JST AD-AD8381JST Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results


Similar Description - AD8381

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN838850 PANASONIC-MN838850 Datasheet
134Kb / 26P
Source Driver for LCD Panel Drive
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8380 AD-AD8380_15 Datasheet
211Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output
REV. B
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
logo
Dialog Semiconductor
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
6-Channel LED Driver for LCD Panel Backlighting
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com