Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8383 Datasheet (PDF) - Analog Devices

AD8383 Datasheet PDF - Analog Devices
Part # AD8383
Download  AD8383 Download
File Size   376.46 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver

AD8383 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8383 Datasheet PDF - Analog Devices

Part # AD8383
Download  AD8383 Click to download

File Size   376.46 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver

AD8383 Datasheet (HTML) - Analog Devices


AD8383 Product details

PRODUCT DESCRIPTION
The AD8383 provides a fast, 10-bit latched decimating digital input that drives six high voltage outputs. 10-bit input words are sequentially loaded into six separate, high speed, bipolar DACs. Flexible digital input format allows several AD8383s to be used in parallel for higher resolution displays. STSQ synchronizes sequential input loading, XFR controls synchronous output updating, and R/L controls the direction of loading as either left-to-right or right-to-left. Six channels of high voltage output drivers drive to within 1.3 V of the rail. For maximum flexibility, the output signal can be adjusted for dc reference, signal inversion.

FEATURES
   High voltage drive to within 1.3 V of supply rails
   Output short-circuit protection
   High update rates
   Fast, 100 Ms/s, 10-bit input data update rate
   Low static power dissipation: 0.7 W
      Includes STBY function
   Voltage-controlled video reference (brightness) and
      full-scale (contrast) output levels
   INV bit reverses polarity of video signal
   3.3 V logic, 9 V to 18 V analog supplies
   High accuracy voltage outputs
   Laser trimming eliminates the need for adjustments
   Flexible logic
   STSQ/XFR allow parallel AD8383 operation at various
      resolutions
   Fast settling into capacitive loads
      30 ns settling time to 0.25% into 150 pF load
      Slew rate 460 V/µs
   Available in 48-lead 7 mm × 7 mm LFCSP package

APPLICATIONS
   LCD analog column driver




Similar Part No. - AD8383

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
Low Cost 10-Bit, 6-Channel Output
REV. 0
More results


Similar Description - AD8383

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
Low Cost 10-Bit, 6-Channel Output
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com