Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7329 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices AD7329 Datasheet HTML 11Page - Analog Devices AD7329 Datasheet HTML 12Page - Analog Devices AD7329 Datasheet HTML 13Page - Analog Devices AD7329 Datasheet HTML 14Page - Analog Devices AD7329 Datasheet HTML 15Page - Analog Devices AD7329 Datasheet HTML 16Page - Analog Devices AD7329 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AD7329
Data Sheet
–50
–95
10
1000
ANALOG INPUT FREQUENCY (kHz)
±2.5V RANGE
0V TO +10V RANGE
±10V RANGE
±5V RANGE
VCC = VDRIVE = 5V
VDD = 12V, VSS = –12V
TA = 25°C
fS = 1MSPS
INTERNAL REFERENCE
AD8021 BETWEEN MUXOUT+
AND ADCIN+ PINS
100
–55
–60
–65
–70
–75
–80
–85
–90
Figure 10. THD vs. Analog Input Frequency for Single-Ended Mode at 5 V VCC
–50
–95
10
1000
ANALOG INPUT FREQUENCY (kHz)
±2.5V RANGE
0V TO +10V RANGE
±10V RANGE
±5V RANGE
VCC = VDRIVE = 5V
VDD = 12V, VSS = –12V
TA = 25°C
fS = 1MSPS
INTERNAL REFERENCE
AD8021 BETWEEN MUXOUT
AND ADCIN PINS
100
–55
–60
–65
–70
–75
–80
–85
–90
Figure 11. THD vs. Analog Input Frequency for True Differential Mode at 5 V VCC
74
66
10
1000
ANALOG INPUT FREQUENCY (kHz)
±2.5V RANGE
0V TO +10V RANGE
±10V RANGE
±5V RANGE
VCC = VDRIVE = 5V
VDD = 12V, VSS = –12V
TA = 25°C
fS = 1MSPS
INTERNAL REFERENCE
AD8021 BETWEEN MUXOUT+
AND ADCIN+ PINS
73
72
71
70
69
68
67
100
Figure 12. SINAD vs. Analog Input Frequency for Single-Ended Mode at 5 V VCC
75
80
50
10
1000
ANALOG INPUT FREQUENCY (kHz)
±2.5V RANGE
0V TO +10V RANGE
±10V RANGE
±5V RANGE
VCC = VDRIVE = 5V
VDD = 12V, VSS = –12V
TA = 25°C
fS = 1MSPS
INTERNAL REFERENCE
AD8021 BETWEEN MUXOUT
AND ADCIN PINS
100
70
65
60
55
Figure 13. SINAD vs. Analog Input Frequency for True Differential Mode at 5 V VCC
–50
–100
0
600
FREQUENCY OF INPUT NOISE (kHz)
100
200
300
400
500
VDD = 12V, VSS = –12V
VCC = VDRIVE = 5V
SINGLE-ENDED MODE
50kHz ON SELECTED CHANNEL
fS = 1MSPS
TA = 25°C
WIRE LINK
WITH AD8021
–55
–60
–65
–70
–75
–80
–85
–90
–95
Figure 14. Channel-to-Channel Isolation with and Without AD8021 Between
the MUXOUT+ and ADCIN+ Pins
10k
0
–2
CODE
9k
8k
7k
6k
5k
4k
3k
2k
1k
–1
0
1
2
0
228
9469
303
0
VCC = 5V
VDD = 12V, VSS = –12V
RANGE = ±10V
10k SAMPLES
TA = 25°C
Figure 15. Histogram of Codes, True Differential Mode
Rev. C | Page 12 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com