Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7329 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7329 Datasheet HTML 17Page - Analog Devices AD7329 Datasheet HTML 18Page - Analog Devices AD7329 Datasheet HTML 19Page - Analog Devices AD7329 Datasheet HTML 20Page - Analog Devices AD7329 Datasheet HTML 21Page - Analog Devices AD7329 Datasheet HTML 22Page - Analog Devices AD7329 Datasheet HTML 23Page - Analog Devices AD7329 Datasheet HTML 24Page - Analog Devices AD7329 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AD7329
Data Sheet
Rev. C | Page 20 of 38
TYPICAL CONNECTION DIAGRAM
Figure 34 shows a typical connection diagram for the AD7329.
In this configuration, the AGND pin is connected to the analog
ground plane of the system, and the DGND pin is connected to
the digital ground plane of the system. The analog inputs on the
AD7329 can be configured to operate in single-ended, true
differential, or pseudo differential mode. The AD7329 can operate
with either an internal or external reference. In Figure 34, the
AD7329 is configured to operate with the internal 2.5 V reference.
A 680 nF decoupling capacitor is required when operating with
the internal reference.
The VCC pin can be connected to either a 3 V or a 5 V supply
voltage. The VDD and VSS are the dual supplies for the high
voltage analog input structures. The voltage on these pins must
be equal to or greater than the highest analog input range
selected on the analog input channels (see Table 6 for more
information). The VDRIVE pin is connected to the supply voltage
of the microprocessor. The voltage applied to the VDRIVE input
controls the voltage of the serial interface.
AD7329
VCC
VDD1
SERIAL
INTERFACE
FILTERING/BUFFERING
µC/µP
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
REFIN/REFOUT
CS
DOUT
VDRIVE
SCLK
DIN
DGND
10µF
0.1µF
+
MUXOUT+ ADCIN+
MUXOUT– ADCIN–
10µF
0.1µF
+
10µF
0.1µF
+
ANALOG INPUTS:
±10V, ±5V, ±2.5V,
0V TO +10V
+15V
–15V
680nF
VSS1
VCC +2.7V TO +5.25V
1MINIMUM VDD AND VSS SUPPLY VOLTAGES
DEPEND ON THE HIGHEST ANALOG INPUT
RANGE SELECTED.
AGND
10µF
0.1µF
+
+3V SUPPLY
Figure 34. Typical Connection Diagram, Single-Ended Mode
AD7329
VCC
VDD1
SERIAL
INTERFACE
FILTERING/BUFFERING
µC/µP
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
REFIN/REFOUT
CS
DOUT
VDRIVE
SCLK
DIN
DGND
10µF
0.1µF
+
10µF
0.1µF
+
10µF
0.1µF
ANALOG INPUTS:
±10V, ±5V, ±2.5V,
0V TO +10V
+15V
–15V
680nF
VSS1
VCC +2.7V TO +5.25V
1MINIMUM VDD AND VSS SUPPLY VOLTAGES
DEPEND ON THE HIGHEST ANALOG INPUT
RANGE SELECTED.
AGND
10µF
0.1µF
+
+3V SUPPLY
+
Figure 35. Typical Connection Diagram, Differential Mode
ANALOG INPUT
Single-Ended Inputs
The AD7329 has a total of eight analog inputs when operating
in single-ended mode. Each analog input can be independently
programmed to one of the four analog input ranges. In applications
where the signal source is high impedance, it is recommended
to buffer the signal before applying it to the ADC analog inputs.
Figure 36 shows the configuration of the AD7329 in single-
ended mode.
AD73291
VIN+
V+
V–
VDD
VSS
VCC
5V
AGND
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 36. Single-Ended Mode Typical Connection Diagram
True Differential Mode
The AD7329 can have four true differential analog input pairs.
Differential signals have some benefits over single-ended
signals, including better noise immunity based on the device’s
common-mode rejection and improvements in distortion
performance. Figure 37 defines the configuration of the true
differential analog inputs of the AD7329.
AD73291
VIN+
VIN–
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. True Differential Inputs
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− pins in
each differential pair (VIN+ − VIN−). VIN+ and VIN− should
be simultaneously driven by two signals of equal amplitude,
dependent on the input range selected, that are 180° out of
phase. Assuming the ±4 × VREF mode, the amplitude of the
differential signal is −20 V to +20 V p-p (2 × 4 × VREF),
regardless of the common mode.
The common mode is the average of the two signals
(VIN+ + VIN−)/2
and is therefore the voltage on which the two input signals are
centered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com