Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7797EB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7797EB
Description  Sigma-Delta ADC for Bridge Sensors Low Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7797EB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7797EB Datasheet HTML 1Page - Analog Devices EVAL-AD7797EB Datasheet HTML 2Page - Analog Devices EVAL-AD7797EB Datasheet HTML 3Page - Analog Devices EVAL-AD7797EB Datasheet HTML 4Page - Analog Devices EVAL-AD7797EB Datasheet HTML 5Page - Analog Devices EVAL-AD7797EB Datasheet HTML 6Page - Analog Devices EVAL-AD7797EB Datasheet HTML 7Page - Analog Devices EVAL-AD7797EB Datasheet HTML 8Page - Analog Devices EVAL-AD7797EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD7796/AD7797
Rev. B | Page 3 of 24
SPECIFICATIONS
AVDD = 2.7 V to 5.25 V, DVDD = 2.7 V to 5.25 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
AD7796B/AD7797B1
Unit
Test Conditions/Comments
ADC CHANNEL
Output Update Rate
4.17 to 123
Hz nom
No Missing Codes2
24
Bits min
AD7797 only
16
Bits min
AD7796 only
Resolution
See Table 7 and Table 8
RMS Noise and Update Rates
See Table 6
Integral Nonlinearity
±10
ppm of FSR typ
Offset Error3, 4
±1
µV typ
Offset Error Drift vs. Temperature4
±10
nV/°C typ
Full-Scale Error3, 4, 5
±10
µV typ
Gain Drift vs. Temperature4
±3
ppm/°C typ
Power Supply Rejection
90
dB min
AIN = 1 V/128
ANALOG INPUTS
Differential Input Voltage Ranges
±VREF/128
V nom
VREF = REFIN(+) – REFIN(–)
Absolute AIN Voltage Limits2
GND + 300 mV
V min
AVDD − 1.1
V max
Common-Mode Voltage, VCM
0.5
V min
VCM = (AIN(+) + AIN(–))/2
Analog Input Current
Average Input Current2
±250
pA max
Update rate < 100 Hz
Average Input Current Drift
±2
pA/°C typ
Normal Mode Rejection2
Internal Clock
At 50 Hz, 60 Hz
65
dB min
80 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
At 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
At 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
External Clock
At 50 Hz, 60 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
At 50 Hz
94
dB min
100 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
At 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
Common-Mode Rejection
At DC
90
dB min
AIN = 7.81 mV
At 50 Hz, 60 Hz2
90
dB min
50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
At 50 Hz, 60 Hz2
90
dB min
50 ± 1 Hz (FS[3:0] = 10016), 60 ± 1 Hz,
FS[3:0] = 10006
REFERENCE
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
Reference Voltage Range2
0.1
V min
AVDD
V max
Absolute REFIN Voltage Limits2
GND − 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection
Same as for analog inputs
Common-Mode Rejection
100
dB typ
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Applies if user calibrates the temperature sensor
Sensitivity
0.81
mV/°C typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com