Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7797EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7797EB
Description  Sigma-Delta ADC for Bridge Sensors Low Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7797EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7797EB Datasheet HTML 1Page - Analog Devices EVAL-AD7797EB Datasheet HTML 2Page - Analog Devices EVAL-AD7797EB Datasheet HTML 3Page - Analog Devices EVAL-AD7797EB Datasheet HTML 4Page - Analog Devices EVAL-AD7797EB Datasheet HTML 5Page - Analog Devices EVAL-AD7797EB Datasheet HTML 6Page - Analog Devices EVAL-AD7797EB Datasheet HTML 7Page - Analog Devices EVAL-AD7797EB Datasheet HTML 8Page - Analog Devices EVAL-AD7797EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, 16-/24-Bit Sigma-Delta ADC
for Bridge Sensors Low Power, 16-/24-Bit
Data Sheet
AD7796/AD7797
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RMS noise: 65 nV
Instrumentation amp
Temperature sensor
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Update rate range: 4.17 Hz to 123 Hz
Current: 250 µA typ
Power-down: 1 µA
Power supply range: 2.7 V to 5.25 V
–40°C to +85°C temperature range
Independent interface power supply
16-lead TSSOP
INTERFACE
3-wire serial
SPI, QSPI™, MICROWIRE, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gages
Industrial process control
Instrumentation
Portable instrumentation
FUNCTIONAL BLOCK DIAGRAM
AD7796/
AD7797
DOUT/RDY
DIN
SCLK
AIN(+)
AIN(–)
MUX
GND
Σ-Δ
ADC
AVDD
×128
REFERENCE
TEMP
SENSOR
INTERNAL
CLOCK
GND AVDD
REFIN(–)
REFIN(+)
CLK
AD7796: 16-BIT ADC
AD7797: 24-BIT ADC
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
DVDD
Figure 1.
GENERAL DESCRIPTION
The AD7796/AD7797 are complete, analog front ends for high
precision, bridge sensor applications such as weigh scales. The
AD7796/AD7797 contain a Σ-∆ ADC capable of 16-/24-bit
resolution, respectively. The on-chip instrumentation amplifier
has a fixed gain of 128, allowing small amplitude signals such as
those from bridge sensors to be directly interfaced to the ADC.
Each device has one differential input and contains a temperature
sensor that is internally connected to the ADC. This sensor can
be used to perform temperature compensation of the bridge.
The devices can be operated with the internal clock or an external
clock. The output data rate from the devices is software-
programmable and can be varied from 4.17 Hz to 123 Hz.
The AD7796/AD7797 operate with a power supply from 2.7 V
to 5.25 V. Each device consumes a current of 250 µA typical and
is housed in a 16-lead TSSOP.


Similar Part No. - EVAL-AD7797EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7797EB AD-EVAL-AD7797EB Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
More results

Similar Description - EVAL-AD7797EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7796 AD-AD7796 Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com