Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16248B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16248B
Description  3.3V, 24-Bit to 48-BitMux/DeMux NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16248B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16248B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8172E
09/10/04
PI3B16248
3.3V, 24-Bit to 48-Bit,
Mux/DeMux NanoSwitch™
128M
DIMM
128M
DIMM
128M
DIMM
Core
Logic
CPU
100 MHz
72
72
72 Bits
100 MHz
100 MHz
100 MHz
3 of 3B16248
(64 Bits Data,
8 Bits ECC)
72:144
Bus Switch
128M
DIMM
Pin Configuration
Application Circuit
Memory Switching Application
1
A1
2
1B2
2B2
S1
2B4
3
4
GND
5
1B4
A3
6
7
A5
8
1B6
9
2B6
10
A7
11
1B8
12
2B8
1B10
13
A9
14
15
2B10
1B1
16
A11
17
18
2B12
19
A13
1B14
S2
2B16
2B14
A15
GND
1B16
A17
1B18
A19
2B18
1B20
2B20
1B22
A21
2B22
1B2
A23
2B24
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
1B1
80
2B1
79
A2
78
1B3
77
2B3
76
A4
75
1B5
74
2B5
73
A6
72
1B7
71
2B7
70
VCC
69
A8
68
GND
67
1B9
66
2B9
65
A10
64
1B11
63
2B11
62
A12
61
1B13
60
2B13
59
A14
58
1B15
57
2B15
56
A16
55
1B17
54
2B17
53
A18
52
1B19
51
2B19
50
VCC
49
A20
48
GND
47
1B21
46
2B21
45
A22
44
1B23
43
2B23
42
A24
41



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com