Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16248B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16248B
Description  3.3V, 24-Bit to 48-BitMux/DeMux NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16248B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16248B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16248B Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8172E
09/10/04
PI3B16248
3.3V, 24-Bit to 48-Bit,
Mux/DeMux NanoSwitch™
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.0 to 3.6V)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
S1, S2
2.0
V
VIL
Input LOW Voltage
S1, S2
-0.5
0.8
IIH
Input HIGH Current
VCC = MAX., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC - MAX., VIN = GND
±1
RON
Switch On-Resistance
VCC = Min., VIN = 0V, ION = 24mA
5
8
Ω
VCC = Min., VIN = 0V, ION = 12mA
10
15
CIN
Input Capacitance
VCC = 0V, 25°C, f = 1 MHz
3.0
pF
CON
Output Capacitance
VCC = 0V, 25°C, f = 1 MHz
25.0
ICC
Power Supple Quiescent
VCC = Max., VIN = GND or VCC
20
µA
IOZH
High Impedance Output Current 0 ≤ A, B ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
`
-0.7
-1.2
V
Storage Temperature ........................................................ –65°C to +150°C
Ambient Temperature with Power Applied ....................... –40°C to +85°C
Supply Voltage Range......................................................... –0.5V to +4.6V
DC Input Voltage ................................................................ –0.5V to +4.6V
DC Output Current............................................................................120mA
Power Dissipation ................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
3. See test circuit and waveforms.
Note:
1. Typical values are shown at VCC = 3.3V, +25°C ambient and maximum loading.
Electrical Characteristics (VCC = 3.0V to 3.6V, TA = –40°C to +85°C)
Parameters
Description
Test Conditions
Com.
Units
Min.
Max.
tPLH
Propagation Delay AX to BX
CL = 50pF, RL = 500Ω
250
ps
tEN(3)
Bus Enable
CL = 50pF
RL = 500Ω
R = 500Ω
1
4.5
ns
tDIS(3)
Bus Disable
1
5.0
tM
Make-before-break time
0
2
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com