Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3CA1102-9 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3CA1102-9
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1102-9 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3CA1102-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
6
GHz
Insertion Loss (Typ.)
0.36
0.83
dB
VSWR (Max.)
1.35:1
1.35:1
.
Mechanical Specifications
Cable Assembly
Length*
9 in [228.6 mm]
.
Weight
0.023 lbs [10.43 g]
Cable
Cable Type
PE-034SR
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Jacket Material
Copper
Jacket Diameter
0.034 in [0.86 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
Straight Cut Lead
Impedance
50 Ohms
50 Ohms
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
+125 deg C
PE3CA1102-9 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Pigtail Test Probe Cable SMA Female to Straight Cut Lead 9 Inch Length Using PE-034SR
Coax, RoHS PE3CA1102-9
RF Cable Assemblies Technical Data Sheet
PE3CA1102-9
Pigtail Test Probe Cable SMA Female to Flush Cut
Lead 9 Inch Length Using PE-034SR Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com