Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3CA1102-9 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3CA1102-9
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1102-9 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3CA1102-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Female
• Connector 2: Straight Cut Lead
• Cable Type: PE-034SR
Features
•
100% RF Tested prior to final trim
• 1.35 Max VSWR to 6 GHz
• 100% High Pot Tested to 500V
• .034 Diameter Semi Rigid coax
• Individually packed in protective tube
Applications
• Used as an RF Test Probe to 6
GHz
• RF PCB board measurements
• Signal injection
.
Description
These SMA Female to unterminated flush cut cables assemblies are designed to be used as convenient test probes. The
unterminated end of the cable can be trimmed by the user to their desired dimensions. A common Research and development
application is to solder the trimmed end of the cable to an exposed microstrip trace to inject a signal or to measure a signal of
interest. Each cable assembly is individually packaged in a reusable protective tube. These test probes have been 100% RF
tested as a two ended assembly prior to trimming in order to verify the assemblies perform to 6 GHz with a maximum VSWR
of 1.35:1. Pre-Trimmed Test Probes are also available.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Operating Voltage (DC)
500
Vdc
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Pigtail Test Probe Cable SMA Female to Straight Cut Lead 9 Inch Length Using PE-034SR
Coax, RoHS PE3CA1102-9
PE3CA1102-9 REV 1.1
Pigtail Test Probe Cable SMA Female to Flush Cut
Lead 9 Inch Length Using PE-034SR Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3CA1102-9


Similar Part No. - PE3CA1102-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1102-12 PASTERNACK-PE3CA1102-12 Datasheet
386Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3CA1102-3 PASTERNACK-PE3CA1102-3 Datasheet
386Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3CA1102-6 PASTERNACK-PE3CA1102-6 Datasheet
386Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1102-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com