Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-COAX Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SPL-COAX
Description  Heat Sink for SPL type coaxial laser diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SPL-COAX Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SPL-COAX Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.roithner-laser.com
1
Heat Sink SPL-Coax
• Heat Sink for SPL type coaxial laser diodes
• Aluminium
• 16 x 16 x 8 mm
• Aperture diameter 6.2 mm
Outline
All dimensions in mm
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
Description
Heat Sink SPL-Coax has been specifically designed for the SPL type fiber pigtailed laser diodes. It greatly increases the heat
dissipation capabilities of the diode and helps to increase performance and life time. It is made from CNC cut Aluminium with an
aperture diameter of 6.2 mm and comes with a grub screw to easily fixate the laser diode. For best performance it is advised to
add thermal conductive paste between diode and heat sink, and to mount the heat sink on a metal foundation plate.
rev.1.0 02.16


Similar Part No. - SPL-COAX

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
More results

Similar Description - SPL-COAX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML320G2-11 MITSUBISHI-ML320G2-11 Datasheet
142Kb / 4P
LASER DIODES FOR INDUSTRIAL SYSTEMS
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
logo
Microsemi Corporation
MG1001 MICROSEMI-MG1001 Datasheet
210Kb / 4P
GUNN Diodes Cathode Heat Sink
MG1041 MICROSEMI-MG1041 Datasheet
176Kb / 2P
GUNN Diodes Anode Heat Sink
logo
Roithner LaserTechnik G...
IC-WK2D ROITHNER-IC-WK2D Datasheet
60Kb / 1P
LASERDIODE DRIVER PCB for n-type laser diodes
SQ50X34 ROITHNER-SQ50X34 Datasheet
68Kb / 1P
Heat Sink for DPSS Laser Modules
logo
Infineon Technologies A...
SP000091118 INFINEON-SP000091118 Datasheet
131Kb / 2P
Laser diode SPL – PL90
2012-06-14 Revision: 2.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com