Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F002 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # EN29F002
Description  2 Megabit (256K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EN29F002 Datasheet HTML 17Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 20Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 21Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 22Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
21
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
Table 7. DC Characteristics
(Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 5.0V ± 10%)
Symbol
Parameter
Test Conditions
Min
Max
Uni
t
ILI
Input Leakage Current
0V
≤ VIN ≤ Vcc
±5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ Vcc
±5
µA
ICC1
Supply Current (read) TTL Byte
CE# = VIL; OE# = VIH;
f = 6MHz
30
mA
ICC2
Supply Current (Standby) TTL
CE# = VIH
1.0
mA
ICC3
Supply Current (Standby) CMOS
(1)
RESET# = CE# = Vcc ± 0.2V
5.0
µA
ICC4
(2)
Supply Current (Program or Erase)
Byte program, Sector or Chip
Erase in progress
30
mA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2
Vcc ± 0.5
V
VOL
Output Low Voltage
IOL = 2 mA
0.45
V
VOH
Output High Voltage TTL
IOH = -2.5 mA
2.4
V
Output High Voltage CMOS
IOH = -100 µA
Vcc - 0.4V
V
VID
A9 Voltage (Electronic Signature)
and RESET# Voltage (Temporary
Sector Unprotect)
10.5
11.5
V
ILIT
A9 and RESET# Current (Electronic
Signature)
A9, RESET# = VID
100
µA
VLKO
Supply voltage (Erase and
Program lock-out)
3.2
4.2
V
Notes:
(1) RESET# pin input buffer is always enabled so that it draws power if not at full CMOS supply voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com