Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F002 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EN29F002
Description  2 Megabit (256K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EN29F002 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
13
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
DATA PROTECTION
Power-up Write Inhibit
During power-up, the device automatically resets to READ mode and locks out write cycles. Even
with CE = VIL, WE = VIL and OE = VIH, the device will not accept commands on the rising edge of
WE .
Low VCC Write Inhibit
During VCC power-up or power-down, the EN20F002 locks out write cycles to protect against any
unintentional writes. If VCC < VLKO, the command register is disabled and all internal program or
erase circuits are disabled. Under this condition, the device will reset to the READ mode. Subsequent
writes will be ignored until VCC > VLKO.
Write “Noise” Pulse Protection
Noise pulses less than 5ns on OE , CE or WE will neither initiate a write cycle nor change the
command register.
Logical Inhibit
If CE =VIH or WE=VIH, writing is inhibited. To initiate a write cycle, CE and WE must be a logical
“zero”. If CE , WE , and OE are all logical zero (not recommended usage), it will be considered a
write.
Sector Protection/Unprotection
When the device is shipped, all sectors are unprotected. Each sector can be separately protected
against data changes.
Using hardware protection circuitry enabled at user’s site with external
programming equipment, both program and erase operations may be disabled for any specified
sector or combination of sectors.
Verification of write protection for a specific sector can be achieved with an Auto Select ID read
command at location 02h where the address bits A17 - A13 select the defined sector (see Table 5).
A logical “1” at DQ0 means a protected sector and a logical “0” means an unprotected sector.
The Sector Unprotect disables sector protection in all sectors in one operation to implement code
changes.
All sectors must be placed in protection mode using the protection algorithm mentioned
above before unprotection can be executed.
Additional details on this feature are provided in a supplement, which can be obtained by contacting a
representative of Eon Silicon Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com