Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7938BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7938BCPZ Datasheet HTML 3Page - Analog Devices AD7938BCPZ Datasheet HTML 4Page - Analog Devices AD7938BCPZ Datasheet HTML 5Page - Analog Devices AD7938BCPZ Datasheet HTML 6Page - Analog Devices AD7938BCPZ Datasheet HTML 7Page - Analog Devices AD7938BCPZ Datasheet HTML 8Page - Analog Devices AD7938BCPZ Datasheet HTML 9Page - Analog Devices AD7938BCPZ Datasheet HTML 10Page - Analog Devices AD7938BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. D | Page 7 of 36
TIMING SPECIFICATIONS
VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted; fCLKIN = 25.5 MHz, fSAMPLE = 1.5 MSPS; TA = TMIN to
TMAX, unless otherwise noted.
Table 4.
Limit at TMIN, TMAX
Parameter1
AD7938
AD7939
Unit
Description
fCLKIN2
700
700
kHz min
CLKIN frequency.
25.5
25.5
MHz max
tQUIET
30
30
ns min
Minimum time between end of read and start of next conversion; in other words, time
from when the data bus goes into three-state until the next falling edge of CONVST.
t1
10
10
ns min
CONVST pulse width.
t2
15
15
ns min
CONVST falling edge to CLKIN falling edge setup time.
t3
50
50
ns max
CLKIN falling edge to BUSY rising edge.
t4
0
0
ns min
CS to WR setup time.
t5
0
0
ns min
CS to WR hold time.
t6
10
10
ns min
WR pulse width.
t7
10
10
ns min
Data setup time before WR.
t8
10
10
ns min
Data hold after WR.
t9
10
10
ns min
New data valid before falling edge of BUSY.
t10
0
0
ns min
CS to RD setup time.
t11
0
0
ns min
CS to RD hold time.
t12
30
30
ns min
RD pulse width.
t133
30
30
ns max
Data access time after RD.
t144
3
3
ns min
Bus relinquish time after RD.
50
50
ns max
Bus relinquish time after RD.
t15
0
0
ns min
HBEN to RD setup time.
t16
0
0
ns min
HBEN to RD hold time.
t17
10
10
ns min
Minimum time between reads/writes.
t18
0
0
ns min
HBEN to WR setup time.
t19
10
10
ns min
HBEN to WR hold time.
t20
40
40
ns max
CLKIN falling edge to BUSY falling edge.
t21
15.7
15.7
ns min
CLKIN low pulse width.
t22
7.8
7.8
ns min
CLKIN high pulse width.
1
Sample tested during initial release to ensure compliance. All input signals are specified with tRISE = tFALL = 5 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V. All timing specifications given above are with a 25 pF load capacitance (see Figure 36, Figure 37, Figure 38, and Figure 39).
2
Minimum CLKIN for specified performance, with slower SCLK frequencies performance specifications apply typically.
3
The time required for the output to cross 0.4 V or 2.4 V.
4
t14 is derived from the measured time taken by the data outputs to change 0.5 V. The measured number is then extrapolated back to remove the effects of charging or
discharging the 25 pF capacitor. This means that the time, t14, quoted in the timing characteristics is the true bus relinquish time of the part and is independent of the
bus loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com