Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7938BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7938BCPZ Datasheet HTML 8Page - Analog Devices AD7938BCPZ Datasheet HTML 9Page - Analog Devices AD7938BCPZ Datasheet HTML 10Page - Analog Devices AD7938BCPZ Datasheet HTML 11Page - Analog Devices AD7938BCPZ Datasheet HTML 12Page - Analog Devices AD7938BCPZ Datasheet HTML 13Page - Analog Devices AD7938BCPZ Datasheet HTML 14Page - Analog Devices AD7938BCPZ Datasheet HTML 15Page - Analog Devices AD7938BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. D | Page 12 of 36
VREF (V)
4
3
1
2
0
–1
0.25
0.50
1.25
0.75
1.00
2.00
1.75
1.50
2.75
2.50
2.25
SINGLE-ENDED MODE
POSITIVE DNL
NEGATIVE DNL
Figure 10. AD7938 DNL vs. VREF for VDD = 3 V
VREF (V)
12
11
10
8
9
7
6
0
0.5
1.5
1.0
2.5
2.0
4.0
3.5
3.0
VDD = 5V
DIFFERENTIAL MODE
VDD = 5V
SINGLE-ENDED MODE
VDD = 3V
SINGLE-ENDED MODE
VDD = 3V
DIFFERENTIAL MODE
Figure 11. AD7938 ENOB vs. VREF
VREF (V)
0
–0.5
–1.5
–1.0
–3.5
–3.0
–2.5
–2.0
–4.0
–4.5
–5.0
0
0.5
1.5
1.0
2.5
2.0
3.5
3.0
SINGLE-ENDED MODE
VDD = 5V
VDD = 3V
Figure 12. AD7938 Offset vs. VREF
CODE
10000
9000
7000
8000
3000
4000
5000
6000
2000
1000
0
2046
2047
2048
2049
2050
DIFFERENTIAL MODE
3 CODES
INTERNAL
REF
9997
CODES
Figure 13. AD7938 Histogram of Codes for
10k Samples @ VDD = 5 V with the Internal Reference
RIPPLE FREQUENCY (kHz)
60
70
80
100
90
110
120
0
200
400
800
600
1200
1000
DIFFERENTIAL MODE
Figure 14. CMRR vs. Ripple Frequency with VDD = 5 V and 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com