Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 1 Page - Analog Devices

  AD7992 Datasheet HTML 1Page - Analog Devices AD7992 Datasheet HTML 2Page - Analog Devices AD7992 Datasheet HTML 3Page - Analog Devices AD7992 Datasheet HTML 4Page - Analog Devices AD7992 Datasheet HTML 5Page - Analog Devices AD7992 Datasheet HTML 6Page - Analog Devices AD7992 Datasheet HTML 7Page - Analog Devices AD7992 Datasheet HTML 8Page - Analog Devices AD7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
2-Channel, 12-Bit ADC with I2C-Compatible
Interface in 10-Lead MSOP
AD7992
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit ADC with fast conversion time: 2 µs typ
2 single-ended analog input channels
Specified for VDD of 2.7 V to 5.5 V
Low power consumption
Fast throughput rate: up to 188 kSPS
Sequencer operation
Temperature range: −40 °C to 125 °C
Automatic cycle mode
I2C®-compatible serial interface supports standard, fast,
and high speed modes
Out-of-range indicator/alert function
Pin-selectable addressing via AS
2 versions allow 5 I2C addresses
Shutdown mode: 1 µA max
10-lead MSOP package
GENERAL DESCRIPTION
The AD7992 is a 12-bit, low power, successive approximation
ADC with an I2C-compatible interface. The part operates from
a single 2.7 V to 5.5 V power supply and features a 2 µs conver-
sion time. The part contains a 2-channel multiplexer and track-
and-hold amplifier that can handle input frequencies up to
11 MHz.
The AD7992 provides a 2-wire serial interface compatible with
I2C interfaces. The part comes in two versions, the AD7992-0
and the AD7992-1, and each version allows for at least two
different I2C addresses. The AD7992-0 supports standard and
fast I2C interface modes, and the AD7992-1 supports standard,
fast, and high speed I2C interface modes.
The AD7992 normally remains in a shutdown state while not
converting, and powers up only for conversions. The conversion
process can be controlled using the CONVST pin, by a
command mode where conversions occur across I2C write
operations, or an automatic conversion interval mode selected
through software control.
The AD7992 requires an external reference in the range of 1.2 V
to VDD. This allows the widest dynamic input range to the ADC.
On-chip limit registers can be programmed with high and low
limits for the conversion result, and an open-drain, out-of-
range indicator output (ALERT) becomes active when the
conversion result violates the programmed high or low limits.
This output can be used as an interrupt.
FUNCTIONAL BLOCK DIAGRAM
CONTROL
LOGIC
AD7992
VDD
SCL
CONVERSION
RESULT
REGISTER
CYCLE TIMER
REGISTER
ALERT STATUS
REGISTER
SDA
GND
ALERT
GND
CONVST
AS
VIN1
VIN2/REFIN
DATAHIGH LIMIT
REGISTER CH1
DATAHIGH LIMIT
REGISTER CH2
DATALOW LIMIT
REGISTER CH2
DATALOW LIMIT
REGISTER CH1
HYSTERESIS
REGISTER CH1
HYSTERESIS
REGISTER CH0
I/P
MUX
T/H
I2C INTERFACE
CONFIGURATION
REGISTER
12-BIT SUCCESSIVE
APPROXIMATION
ADC
VIN2/REFIN
SOFTWARE
CONTROL
Figure 1.
PRODUCT HIGHLIGHTS
1.
2 µs conversion time and low power consumption.
2.
I2C-compatible serial interface with pin-selectable
addresses. Two AD7992 versions allow five AD7992
devices to be connected to the same serial bus.
3.
The part features automatic shutdown while not converting
to maximize power efficiency. Current consumption is
1 µA max when in shutdown mode at 3 V.
4.
Reference can be driven up to the power supply.
5.
Out-of-range indicator that can be software disabled or
enabled.
6.
One-shot and automatic conversion rates.
7.
Registers store minimum and maximum conversion
results.
Table 1. Related Products
Part Number
No. of Bits
No. of Channels
Package
AD7998
12
8
20-TSSOP
AD7994
12
4
16-TSSOP
AD7997
10
8
20-TSSOP
AD7993
10
4
16-TSSOP


Similar Part No. - AD7992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7992 AD-AD7992 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
AD7992BRM-0 AD-AD7992BRM-0 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
AD7992BRM-0 AD-AD7992BRM-0 Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7992BRM-0REEL AD-AD7992BRM-0REEL Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7992BRM-1 AD-AD7992BRM-1 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
More results

Similar Description - AD7992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
AD7992 AD-AD7992 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
AD7993 AD-AD7993 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7992 AD-AD7992_15 Datasheet
892Kb / 29P
2-Channel, 12-Bit ADC with IC-Compatible Interface in 10-Lead MSOP
REV. 0
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
REV. A
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Rev. 0
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com