Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7992 Datasheet HTML 5Page - Analog Devices AD7992 Datasheet HTML 6Page - Analog Devices AD7992 Datasheet HTML 7Page - Analog Devices AD7992 Datasheet HTML 8Page - Analog Devices AD7992 Datasheet HTML 9Page - Analog Devices AD7992 Datasheet HTML 10Page - Analog Devices AD7992 Datasheet HTML 11Page - Analog Devices AD7992 Datasheet HTML 12Page - Analog Devices AD7992 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7992
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
AD7992
TOP VIEW
1
2
3
4
7
8
9
10
SDA
SCL
VDD
AGND
AGND
5
(Not to Scale)
ALERT
6
AS
VIN1
VIN2/REFIN
CONVST
Figure 3. AD7992 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Function
2, 7
AGND
Analog Ground. Ground reference point for all circuitry on the AD7992. All analog input signals should be
referred to this GND voltage.
3
VDD
Power Supply Input. The VDD range for the AD7992 is from 2.7 V to 5.5 V.
4
VIN2/REFIN
Analog Input 2/Voltage Reference Input. In single-channel mode, this pin becomes the reference voltage input;
an external reference should be applied at this pin. The external reference input range is 1.2 V to VDD. A 0.1 µF
and 1µF capacitor should be tied between this pin and AGND. If Bit D6 is set to 1 in the configuration register,
the AD7992 operates in single-channel mode. In dual-channel mode, D6 in the configuration register is 0; in
this case, this pin provides the second analog input channel. The reference voltage for the AD7992 is taken
from the power supply voltage in dual-channel mode. See the Configuration Register section and Table 10.
5
VIN1
Analog Input 1. Single-ended analog input channel. The input range is 0 V to REFIN.
6
AS
Logic Input. Address select input that selects one of three I2C addresses for the AD7992, as shown in Table 6.
1
CONVST
Logic Input Signal. Convert start signal. This is an edge-triggered logic input. The rising edge of this signal
powers up the part. The power up time for the part is 1 µs. The falling edge of CONVST places the track-and-
hold into hold mode and initiates a conversion. A power-up time of at least 1 µs must be allowed for the
CONVST high pulse; otherwise, the conversion result is invalid (see the Modes of Operation section).
8
ALERT/BUSY
Digital Output. Selectable as an ALERT or BUSY output function. When configured as an ALERT, this pin acts as
an out-of-range indicator and, if enabled, becomes active when the conversion result violates the DATAHIGH or
DATALOW register values. See the Limit Registers section. When configured as a BUSY output, this pin becomes
active when a conversion is in progress. Open-drain output. An external pull-up resistor is required.
9
SDA
Digital I/O. Serial bus bidirectional data. Open-drain output. An external pull-up resistor is required.
10
SCL
Digital Input. Serial bus clock. Open-drain output. An external pull-up resistor is required.
Table 6. I2C Address Selection
Part Number
AS Pin
I2C Address
AD7992-0
GND
010 0001
AD7992-0
VDD
010 0010
AD7992-1
GND
010 0011
AD7992-1
VDD
010 0100
AD7992-x1
Float
010 0000
1 If the AS pin is left floating on any of the AD7992 parts, the device address is 010 0000. This gives each AD7992 device three different address options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com