Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB4A20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB4A20
Description  Glass Passivated Single-In-Line Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A20 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB4A20 Datasheet HTML 1Page - Vishay Siliconix GSIB4A20 Datasheet HTML 2Page - Vishay Siliconix GSIB4A20 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88858
03-Dec-04
VISHAY
GSIB4A20 thru GSIB4A80
Vishay Semiconductors
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Unit case mounted on Al plate heatsink.
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
Unit
Typical thermal resistance per leg
RθJA
RθJC
26(2)
5(1)
°C/W
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
0
1
2
3
4
0
25
50
75
100
125
150
P.C.B. Mounting, TA
Heatsink Mounting, TC
Temperature ( °C)
0
20
40
60
80
100
1
100
1.0 Cycle
Number of Cycles at 60 Hz
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Characteristics Per Leg
Instantaneous Forward Voltage (V)
0.3
1.1
1.3
0.01
10
0.1
1
100
0.5
0.7
0.9
Tj = 125 °C
Tj = 150 °C
Tj=25 °C
Percent of Rated Peak Reverse Voltage (%)
TJ = 125 C
1000.0
20
60
40
100
80
0.0
0.1
1.0
10.0
100.0
Tj = 150 °C
Tj = 125 °C
Tj=25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com