Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB4A20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GSIB4A20
Description  Glass Passivated Single-In-Line Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A20 Datasheet(HTML) 3 Page - Vishay Siliconix

  GSIB4A20 Datasheet HTML 1Page - Vishay Siliconix GSIB4A20 Datasheet HTML 2Page - Vishay Siliconix GSIB4A20 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VISHAY
GSIB4A20 thru GSIB4A80
Document Number 88858
03-Dec-04
Vishay Semiconductors
www.vishay.com
3
Package outline dimensions in inches (millimeters)
Figure 5. Typical Junction Capacitance Per Leg
1
10
100
1
10
100
Reverse Voltage (V)
0
1000
Figure 6. Typical Transient Thermal Impedance Per Leg
0.1
1
10
100
0.01
0.1
1
10
100
t, Heating Time (sec.)
0.042 (1.07)
0.038 (0.96)
Dia.
+
0.996 (25.3)
0.972 (24.7)
0.709 (18.0)
0.669 (17.0)
0.602 (15.3)
0.579 (14.7)
0.118 x 45 Chamfer
0.492
(12.5)
0.157 (4.0)
0.078 (1.98)
0.062 (1.58)
0.057(1.45)
0.041(1.05)
0.189 (4.8)
0.173 (4.4)
0.709 (18.0)
0.669 (17.0)
0.146 (3.7)
0.130 (3.3)
0.150 (3.8)
0.134 (3.4)
0.134 (3.4)
0.122 (3.1)
Dia.
0.126 (3.2)
0.110 (2.8)
0.059
(1.50)
0.012
(0.30)
Z
Detail Z
enlarged
0.382 (9.7)
0.366 (9.3)
0.303 (7.7)
0.287 (7.3)
(3x)
Case Style GSIB-3G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com