Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N3003 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H5N3003
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3003 Datasheet(HTML) 5 Page - Renesas Technology Corp

  H5N3003 Datasheet HTML 1Page - Renesas Technology Corp H5N3003 Datasheet HTML 2Page - Renesas Technology Corp H5N3003 Datasheet HTML 3Page - Renesas Technology Corp H5N3003 Datasheet HTML 4Page - Renesas Technology Corp H5N3003 Datasheet HTML 5Page - Renesas Technology Corp H5N3003 Datasheet HTML 6Page - Renesas Technology Corp H5N3003 Datasheet HTML 7Page - Renesas Technology Corp H5N3003 Datasheet HTML 8Page - Renesas Technology Corp H5N3003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
H5N3003P
Rev.2.00, Aug.01.2003, page 5 of 9
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
5
4
3
2
1
0
48
12
16
20
1
5
20
100
210
50
0.2
0.1
0.05
0.02
0.01
0.2
0.16
0.12
0.08
0.04
–40
0
40
80
120
160
0
0.2
0.5
2
5
20
50 100
100
20
50
5
10
2
0.5
1
0.2
1
10
25
°C
Tc = –25
°C
75
°C
V
= 10 V
GS
10 A
20 A
I
= 40 A
D
I
= 40 A
D
20 A
10 A
V
= 10 V,15 V
GS
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current
ID (A)
Pulse Test
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
DS
V
= 10 V
Pulse Test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com