Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N3003 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H5N3003
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3003 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H5N3003 Datasheet HTML 2Page - Renesas Technology Corp H5N3003 Datasheet HTML 3Page - Renesas Technology Corp H5N3003 Datasheet HTML 4Page - Renesas Technology Corp H5N3003 Datasheet HTML 5Page - Renesas Technology Corp H5N3003 Datasheet HTML 6Page - Renesas Technology Corp H5N3003 Datasheet HTML 7Page - Renesas Technology Corp H5N3003 Datasheet HTML 8Page - Renesas Technology Corp H5N3003 Datasheet HTML 9Page - Renesas Technology Corp H5N3003 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
H5N3003P
Rev.2.00, Aug.01.2003, page 6 of 9
Drain Current
ID (A)
Switching Characteristics
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage
VDS (V)
0.1
0.3
1
3
10
30
100
1000
200
500
100
20
50
10
0
20
40
60
80
100
20000
50000
10000
1000
2000
5000
500
400
300
200
100
0
20
16
12
8
4
40
80
120
160
200
0
10000
1000
10
100
0.1
0.3
1
3
10
30
100
200
500
100
50
V
= 50 V
100 V
240 V
DS
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
I = 40 A
D
VDD
VGS
Body-Drain Diode Reverse
Recovery Time
di / dt = 100 A / µs
V
= 0, Ta = 25
°C
GS
V
= 240 V
100 V
50 V
DS
r
t
d(on)
t
d(off)
t
t f
V
= 10 V, V
= 150 V
PW = 10
µs, duty < 1 %
R =10
Ω
GS
DD
G
r
t
Reverse Drain Current
IDR (A)
Gate Charge
Qg (nC)
Dynamic Input Characteristics
t f



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com