Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N3003P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N3003P
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3003P Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N3003P Datasheet HTML 1Page - Renesas Technology Corp H5N3003P Datasheet HTML 2Page - Renesas Technology Corp H5N3003P Datasheet HTML 3Page - Renesas Technology Corp H5N3003P Datasheet HTML 4Page - Renesas Technology Corp H5N3003P Datasheet HTML 5Page - Renesas Technology Corp H5N3003P Datasheet HTML 6Page - Renesas Technology Corp H5N3003P Datasheet HTML 7Page - Renesas Technology Corp H5N3003P Datasheet HTML 8Page - Renesas Technology Corp H5N3003P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
H5N3003P
Rev.2.00, Aug.01.2003, page 4 of 9
Main Characteristics
200
150
100
50
0
50
100
150
200
300
100
30
10
3
1
13
10
30
100
300
1000
100
80
60
40
20
0
4
8
12
16
20
100
80
60
40
20
0
24
68
10
0.3
0.1
1000
Ta = 25
°C
10 V
VGS = 5 V
5.5 V
Tc = 75
°C
25
°C
–25
°C
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C)
10
µs
6 V
7 V
8 V
Operation in
this area is
limited by RDS(on)
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
Pulse Test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com