Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N3003P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H5N3003P
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3003P Datasheet(HTML) 3 Page - Renesas Technology Corp

  H5N3003P Datasheet HTML 1Page - Renesas Technology Corp H5N3003P Datasheet HTML 2Page - Renesas Technology Corp H5N3003P Datasheet HTML 3Page - Renesas Technology Corp H5N3003P Datasheet HTML 4Page - Renesas Technology Corp H5N3003P Datasheet HTML 5Page - Renesas Technology Corp H5N3003P Datasheet HTML 6Page - Renesas Technology Corp H5N3003P Datasheet HTML 7Page - Renesas Technology Corp H5N3003P Datasheet HTML 8Page - Renesas Technology Corp H5N3003P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
H5N3003P
Rev.2.00, Aug.01.2003, page 3 of 9
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
300
—
—
V
ID = 10mA, VGS = 0
Zero gate voltage drain current
IDSS
——1
µAVDS = 300V, VGS = 0
Gate to source leak current
IGSS
——±0.1
µAVGS = ±30V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
—
4.0
V
VDS = 10V, ID = 1mA
Forward transfer admittance
|yfs|
2035—
S
ID = 20A, VDS = 10V
Note4
Static drain to source on state
resistance
RDS(on)
—
0.058
0. 069
Ω
ID = 20A, VGS= 10V
Note4
Input capacitance
Ciss
—
5150
—
pF
VDS = 25V
Output capacitance
Coss
—
560
—
pF
VGS = 0
Reverse transfer capacitance
Crss
—
90
—
pF
f = 1MHz
Turn-on delay time
td(on)
—
60
—
ns
ID= 20A
Rise time
tr
—
185
—
ns
RL = 7.5
Ω
Turn-off delay time
td(off)
—
220
—
ns
VGS = 10V
Fall time
tf
—
150
—
ns
Rg=10
Ω
Total gate charge
Qg
—
130
—
nC
VDD = 240V
Gate to source charge
Qgs
—
25
—
nC
VGS = 10V
Gate to drain charge
Qgd
—
60
—
nC
ID = 40A
Body–drain diode forward voltage
VDF
—1.0
1.5
V
IF = 40A, VGS = 0
Body–drain diode reverse recovery
time
trr
—
280
—
ns
IF = 40A, VGS = 0
diF/dt=100A/
µs
Body–drain diode reverse recovery
charge
Qrr
—
2.5
—
µC
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com