Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP07AC Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP07AC
Description  7W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP07AC Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP07AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP07AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP07AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP07AC Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 / 3
EMC
EMC
EMC
EMC CHARA
CHARA
CHARA
CHARATERISTICS
TERISTICS
TERISTICS
TERISTICS
EMI
Conducted harassment
CISPR22/EN55022, CLASS B
EMI
Radiation harassment
CISPR22/EN55022, CLASS B
EMS
Electrostatic discharge
IEC/EN61000-4-2 ±6KV/8KV
perf. Criteria B
EMS
Radiation immunity
IEC/EN61000-4-3 10V/m
perf. Criteria A
EMS
Impulse group immunity
IEC/EN61000-4-4 ± 2kV
perf. Criteria B
EMS
Impulse group immunity
IEC/EN61000-4-4 ± 4kV
(see recommended circuit)
perf. Criteria B
EMS
Surge Immunity
IEC/EN61000-4-5 ±1KV
perf. Criteria B
EMS
Surge Immunity
IEC/EN61000-4-5 ±2KV/±4KV
(see recommended circuit)
perf. Criteria B
EMS
Conducted disturbance immunity
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
EMS
Power frequency magnetic field immunity
IEC/EN61000-4-8 10A/m
perf. Criteria A
EMS
Voltage dips, drops and short interrupt immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B
RECOMMEND CIRCUIT
1.the typical application circuit
The output filter capacitor C2, the proposed use of high-frequency low-resistance electrolytic capacitors, capacity and flow of current refer to the manufacturers to provide
technical specifications. The output capacitor withstanding voltage derating factor is greater than 80%. C1 is a ceramic capacitor to remove high frequency noise.
Recommended external N C thermistor, model: 12D-5. Recommended external MOV varistor, type: 14D561K.
2. EMC solutions - recommended circuit
EMC Solutions - Recommended Circuit PCB Layout
Note: safety regulations and the width of the proposed line:
line width ≥ 3mm, line distance ≥ 6mm, line distance ≥ 6mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com