Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP07AC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP07AC
Description  7W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP07AC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP07AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP07AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP07AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP07AC Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
The rated output power of TP07AC series is7W with wide input voltage range, for both AC input
and DC input application. High reliability, precision, large power density, ultra-small size, no
external heat sink required, stable output voltage and etc, with over current protection, EMI filter
circuit, the rectifier filter circuit, 4000V isolation voltage, short circuit, overload, internal thermal
protection, Widely used in telecommunications, industrial control, instrument, data acquisition,
signal control and other electronic systems.
7W 4KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
4000
VAC
Input Frequency
10~55Hz
47
63
HZ
Over current protection
Full input range
Auto recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
±2
%
Line regulation
Full load
±0.5
%
Load regulation
10%~100% load
±1
%
Standby power consumption
0.3
W
Over current protection
≥110%Io
, self-recovery
Over voltage protection
Over-voltage shutdown output
Ripple and noise
20MHz bandwidth
50
100
mv
Short-circuit protection
Hiccup-type, sustainable short-circuit, self-recovery
Switch frequency
140
Hz
Power-down hold time
110VAC
12
ms
230VAC
80
ms
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage: 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature :-25
℃ to 70℃
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Rated
Voltage
(VDC)
Current
(A)
(VAC)
(VDC)
TP07AC220S05W
85-265
110-370
5
1.4
69
TP07AC220S06W
85-265
110-370
6
1.16
69
TP07AC220S09W
85-265
110-370
9
0.77
73
TP07AC220S12W
85-265
110-370
12
0.58
75
TP07AC220S15W
85-265
110-370
15
0.46
76
TP07AC220S24W
85-265
110-370
24
0.29
78
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
VAC In module(85V-300V)
85
220
300
VAC
Startup voltage
VDC In module(110V-370V)
110
220
375
VDC
External fuse recommended value(wiring, rail type Package has included fuse)
Fuse must be connected, recommended 1A / 250V slow-off type


Similar Part No. - TP07AC

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP07A 3PEAK-TP07A Datasheet
1Mb / 14P
36-V, 1-MHz, 0.7-V/μs Operational Amplifier
2024-12-18
More results

Similar Description - TP07AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
10W 4KV Isolation Wide Input AC/DC Converters
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_17 Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
15W 4KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com