Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA12237F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA12237F
Description  Audio Signal Processor for Cassette Deck
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12237F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA12237F Datasheet HTML 17Page - Renesas Technology Corp HA12237F Datasheet HTML 18Page - Renesas Technology Corp HA12237F Datasheet HTML 19Page - Renesas Technology Corp HA12237F Datasheet HTML 20Page - Renesas Technology Corp HA12237F Datasheet HTML 21Page - Renesas Technology Corp HA12237F Datasheet HTML 22Page - Renesas Technology Corp HA12237F Datasheet HTML 23Page - Renesas Technology Corp HA12237F Datasheet HTML 24Page - Renesas Technology Corp HA12237F Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
HA12237F
Rev.1.00 Jun 15, 2005 page 21 of 32
Line Mute Attenuation vs. Frequency
−40
−120
−100
−80
−60
−140
TAI
→PBOUT
VCC = 12 V
Frequency (Hz)
10
100
100k
10k
1k
Supply Voltage (V)
Line Amp. Maximum Output Level vs. Supply Voltage
4
12
14
16
68
10
18
6
3
4
5
1
2
0
TAI
→PBOUT
T.H.D.
≈ 1%
100 Hz
1 kHz
10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com