Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA12237F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA12237F
Description  Audio Signal Processor for Cassette Deck
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12237F Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA12237F Datasheet HTML 1Page - Renesas Technology Corp HA12237F Datasheet HTML 2Page - Renesas Technology Corp HA12237F Datasheet HTML 3Page - Renesas Technology Corp HA12237F Datasheet HTML 4Page - Renesas Technology Corp HA12237F Datasheet HTML 5Page - Renesas Technology Corp HA12237F Datasheet HTML 6Page - Renesas Technology Corp HA12237F Datasheet HTML 7Page - Renesas Technology Corp HA12237F Datasheet HTML 8Page - Renesas Technology Corp HA12237F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
HA12237F
Rev.1.00 Jun 15, 2005 page 3 of 32
Pin Description, Equivalent Circuit (cont.)
(VCC = 12 V, Ta = 25
°C, No Signal, The value in the table shows typical value.)
Pin No.
Pin Name
Note
Equivalent Circuit
Description
18, 36
GND
GND pin
6, 9, 22,
25, 38
NC
NC pin
20
Test mode
GND
TEST
Test mode pin
31
PB-NF1(L)
40
PB-NF1(R)
30
PB-NF2(L)
1
PB-NF2(R)
V = 0.6 V
VCC
330 k
180
PBNF1
PBNF2
PB EQ feed back
33
RIP
V = VCC/2
VCC
GND
V
Ripple filter
29
PB-EQ(L)
2
PB-EQ(R)
NAB output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com