Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16141P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16141P
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16141P Datasheet HTML 9Page - Renesas Technology Corp HA16141P Datasheet HTML 10Page - Renesas Technology Corp HA16141P Datasheet HTML 11Page - Renesas Technology Corp HA16141P Datasheet HTML 12Page - Renesas Technology Corp HA16141P Datasheet HTML 13Page - Renesas Technology Corp HA16141P Datasheet HTML 14Page - Renesas Technology Corp HA16141P Datasheet HTML 15Page - Renesas Technology Corp HA16141P Datasheet HTML 16Page - Renesas Technology Corp HA16141P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 11 of 11
3. PFC controller status
PFC-ON
PFC-FB
1.2V
Notes: 1.
2.
3.
All numeric values in the figure are typical values.
PFC-ON
The HA16141P/FP can perform on/off control of the PFC function using the PFC-ON pin.
If an AC voltage that has undergone primary rectification and has been divided with an external resistance is input,
PFC stoppage is possible in the event of a low input voltage.
On/off control by means of a logic signal is also possible.
PFC-FB
The input to this pin is the voltage obtained by dividing the stepped-up PFC output voltage.
The pin voltage is fed back to the PFC control system, and is also used for step-up voltage logic decisions.
This is outlined in the figure below.
2.34V
Precondition: VREF GOOD, Non latched.
1.5V
2/
PFC-OUT
2.75V
2.60V
1.5V
1.70V
2.34V
1.2V
PG signal high due to
low PFC-FB voltage
Normal
operation
PFC pulses stopped due to
high PFC-FB voltage
(overshoot prevention)
PFC pulses stopped
by PFC-ON,
and PG signal high
2.34V
2.75V
2.60V
1.70V
Hysteresis
Hysteresis
PFC-OUT pulse stoppage
(Reduction of step-up voltage overshoot)
2/ (Power Good) signal is output
Feedback voltage
2.50V
(Note 3 is continued on the next page)
PFC pulses stopped
by PFC-ON,
and PG signal high
PFC pulses stopped
by PFC-ON,
and PG signal high
PG signal high due to
low PFC-FB voltage
Normal
operation
Normal
operation
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com