Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16141P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16141P
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16141P Datasheet HTML 1Page - Renesas Technology Corp HA16141P Datasheet HTML 2Page - Renesas Technology Corp HA16141P Datasheet HTML 3Page - Renesas Technology Corp HA16141P Datasheet HTML 4Page - Renesas Technology Corp HA16141P Datasheet HTML 5Page - Renesas Technology Corp HA16141P Datasheet HTML 6Page - Renesas Technology Corp HA16141P Datasheet HTML 7Page - Renesas Technology Corp HA16141P Datasheet HTML 8Page - Renesas Technology Corp HA16141P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HA16141P/FP, HA16142P/FP
PFC and PWM Controller
ADE-204-036D (Z)
Preliminary
Rev.4
Sep. 2001
Description
The HA16141P/FP and the HA16142P/FP are power supply controller ICs combining an AC-DC converter
switching controllers for power factor correction and off-line power supply switching controllers. PFC
(Power factor correction) section employs average current mode PWM and off-line power supply control
section employs peak current mode PWM.
The HA16142P/FP is the change version of HA16141P/FP’s PWM maximum on duty cycle.
The PFC operation can be turned on and off by external control signal. Use of this on/off function makes it
possible to disable PFC operation at a low line voltage, or to perform remote control operation from the
transformer secondary side. The PFC power supply boosted output voltage is not only fed to an error
amplifier input signal but also fed to as the boost voltage monitor circuit.
PG signal is put out if the boost
voltage is out-of-spec.
The PWM controller, which begins operation at the same time as release of the IC’s UVLO (under-voltage
lockout) is suitable for auxiliary power supply use in a multi-output power supply system.
Features
• Synchronized PFC and PWM timing
• Self oscillation with fixed frequency
PFC
: 100 kHz (
±15 %)
PWM : 200 kHz (
±15 %)
• PFC function on/off control
• PFC boosted output voltage monitor
• High-output current gate drivers
PFC driver peak current
:
±1.5 A typ.
PWM driver peak current :
±1.0 A typ.
• PWM maximum on duty cycle
72% min (HA16141P/FP)
49.5% max (HA16142P/FP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com