Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4013B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4013B
Description  DUAL D-TYPE FLIP FLOP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4013B Datasheet HTML 1Page - STMicroelectronics HCF4013B Datasheet HTML 2Page - STMicroelectronics HCF4013B Datasheet HTML 3Page - STMicroelectronics HCF4013B Datasheet HTML 4Page - STMicroelectronics HCF4013B Datasheet HTML 5Page - STMicroelectronics HCF4013B Datasheet HTML 6Page - STMicroelectronics HCF4013B Datasheet HTML 7Page - STMicroelectronics HCF4013B Datasheet HTML 8Page - STMicroelectronics HCF4013B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
SET - RESET CAPABILITY
s
STATIC FLIP-FLOP OPERATION - RETAINS
STATE INDEFINITELY WITH CLOCK LEVEL
EITHER "HIGH" OR "LOW"
s
MEDIUM SPEED OPERATION 16MHz (TYP.)
CLOCK TOGGLE RATE AT 10V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4013B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The
HCF4013B
consists
of
two
identical,
independent data type flip-flops. Each flip-flop has
independent data, set, reset, and clock inputs and
Q and Q outputs. This device can be used for shift
register applications, and, by connecting Q output
to
the
data
input,
for
counter
and
toggle
applications. The logic level present at the D input
is
transferred
to
the
Q
output
during
the
positive-going transition of the clock pulse. Setting
or resetting is independent of the clock and is
accomplished by a high level on the set or reset
line, respectively
HCF4013B
DUAL D-TYPE FLIP FLOP
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4013BEY
SOP
HCF4013BM1
HCF4013M013TR
DIP
SOP


Similar Part No. - HCF4013B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
280Kb / 11P
DUAL ’D’ – TYPE FLIP.FLOP
Jun-1989
HCF4013BC1 STMICROELECTRONICS-HCF4013BC1 Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013BC1 STMICROELECTRONICS-HCF4013BC1 Datasheet
280Kb / 11P
DUAL ’D’ – TYPE FLIP.FLOP
Jun-1989
HCF4013BEY STMICROELECTRONICS-HCF4013BEY Datasheet
287Kb / 12P
NAND GATES
Jun-1989
More results

Similar Description - HCF4013B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
Dual D-type flip-flop
1996 Mar 12
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
Dual D-type flip-flop
30-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com