Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4013B Datasheet (PDF) - STMicroelectronics

HCF4013B Datasheet PDF - STMicroelectronics
Part # HCF4013B
Download  HCF4013B Download
File Size   280.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL ’D’ – TYPE FLIP.FLOP

HCF4013B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4013B Datasheet PDF - STMicroelectronics

Part # HCF4013B
Download  HCF4013B Click to download

File Size   280.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL ’D’ – TYPE FLIP.FLOP

HCF4013B Datasheet (HTML) - STMicroelectronics


HCF4013B Product details

Description
. SET-RESET CAPABILITY . STATIC FLIP-FLOP OPERATION - RETAINS STATE INDEFINITELY WITH CLOCK LEVEL EITHER ”HIGH” OR ”LOW” . MEDIUM-SPEED OPERATION - 16MHz (typ.) CLOCK TOGGLE RATE AT 10V . QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE . STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS . 5V, 10V, AND 15V PARAMETRIC RATINGS . INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE . 100% TESTED FOR QUIESCENT CURRENT . MEETS ALLREQUIREMENTS OF JEDECTENTATIVE STANDARD No. 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES” June 1989 The HCC4013B (extended temperature range) and HCF4013B (intermediate temperature range) are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage. TheHCC/HCF4013B consists oftwoidentical, independent data-type flip-flops. Each flip-flop has independent data, set,reset, and clockinputs and Q and Q outputs. These devices can be used for shift register applications, and,byconnecting Q output tothe data input, for counter and toggle applications. The logic level present at the D input is transferred to the Q output during the positive-going transition of the clock pulse. Setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line, respectively. EY (Plastic Package) F (Ceramic Frit Seal Package) C1 (Plastic Chip Carrier)




Similar Part No. - HCF4013B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
269Kb / 9P
DUAL D-TYPE FLIP FLOP
Sep-2001
HCF4013BC1 STMICROELECTRONICS-HCF4013BC1 Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013BEY STMICROELECTRONICS-HCF4013BEY Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013BEY STMICROELECTRONICS-HCF4013BEY Datasheet
269Kb / 9P
DUAL D-TYPE FLIP FLOP
Sep-2001
More results


Similar Description - HCF4013B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40174B STMICROELECTRONICS-HCC40174B Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
Dual D-Type Latch
June 14 1990
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B_06 Datasheet
162Kb / 9P
Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Fairchild Semiconductor
CD4013BCMX FAIRCHILD-CD4013BCMX Datasheet
90Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
MC10EL31 ONSEMI-MC10EL31_16 Datasheet
147Kb / 8P
5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com