Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4013B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4013B
Description  DUAL ’D’ – TYPE FLIP.FLOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4013B Datasheet HTML 1Page - STMicroelectronics HCF4013B Datasheet HTML 2Page - STMicroelectronics HCF4013B Datasheet HTML 3Page - STMicroelectronics HCF4013B Datasheet HTML 4Page - STMicroelectronics HCF4013B Datasheet HTML 5Page - STMicroelectronics HCF4013B Datasheet HTML 6Page - STMicroelectronics HCF4013B Datasheet HTML 7Page - STMicroelectronics HCF4013B Datasheet HTML 8Page - STMicroelectronics HCF4013B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC/HCF4013B
DUAL ’D’ – TYPE FLIP–FLOP
DESCRIPTION
.
SET-RESET CAPABILITY
.
STATIC FLIP-FLOP OPERATION - RETAINS
STATE INDEFINITELY WITH CLOCK LEVEL
EITHER ”HIGH” OR ”LOW”
.
MEDIUM-SPEED OPERATION - 16MHz (typ.)
CLOCK TOGGLE RATE AT 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4013B (extended temperature range) and
HCF4013B (intermediate temperature range) are
monolithic integrated circuits, available in 14-lead
dual in-line plastic or ceramic package and plastic
micropackage.
The HCC/HCF4013B consists of two identical, inde-
pendent data-type flip-flops. Each flip-flop has inde-
pendent data, set, reset, and clock inputs and Q and
Q outputs. These devices can be used for shift reg-
ister applications, and, by connecting Q output to the
data input, for counter and toggle applications. The
logic level present at the D input is transferred to the
Q output during the positive-going transition of the
clock pulse. Setting or resetting is independent of
the clock and is accomplished by a high level on the
set or reset line, respectively.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4013BF
HCF4013BM1
HCF4013BEY
HCF4013BC1
PIN CONNECTIONS
M1
(Micro Package)
1/11


Similar Part No. - HCF4013B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013B STMICROELECTRONICS-HCF4013B Datasheet
269Kb / 9P
DUAL D-TYPE FLIP FLOP
Sep-2001
HCF4013BC1 STMICROELECTRONICS-HCF4013BC1 Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013BEY STMICROELECTRONICS-HCF4013BEY Datasheet
287Kb / 12P
NAND GATES
Jun-1989
HCF4013BEY STMICROELECTRONICS-HCF4013BEY Datasheet
269Kb / 9P
DUAL D-TYPE FLIP FLOP
Sep-2001
More results

Similar Description - HCF4013B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40174B STMICROELECTRONICS-HCC40174B Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
Dual D-Type Latch
June 14 1990
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B_06 Datasheet
162Kb / 9P
Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Fairchild Semiconductor
CD4013BCMX FAIRCHILD-CD4013BCMX Datasheet
90Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
MC10EL31 ONSEMI-MC10EL31_16 Datasheet
147Kb / 8P
5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com