Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4013B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4013B
Description  DUAL ’D’ – TYPE FLIP.FLOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4013B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4013B Datasheet HTML 1Page - STMicroelectronics HCF4013B Datasheet HTML 2Page - STMicroelectronics HCF4013B Datasheet HTML 3Page - STMicroelectronics HCF4013B Datasheet HTML 4Page - STMicroelectronics HCF4013B Datasheet HTML 5Page - STMicroelectronics HCF4013B Datasheet HTML 6Page - STMicroelectronics HCF4013B Datasheet HTML 7Page - STMicroelectronics HCF4013B Datasheet HTML 8Page - STMicroelectronics HCF4013B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values, all input rise and fall time = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PLH,tPHL Propagation Delay Time
(clock to Q or Q outputs)
5150
300
ns
10
65
130
15
45
90
t PL H
Propagation Delay Time
(set to Q or reset to Q)
5150
300
ns
10
65
130
15
45
90
t PHL
Propagation Delay Time
(set to Q or reset to Q)
5200
400
ns
10
85
170
15
60
120
t THL,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
f CL *
Maximum Clock Input Frequency
5
3.5
7
MHz
10
8
16
15
12
24
t W
Cock Pulse Width
5
140
70
ns
10
60
30
15
40
20
t r,tf**
Clock Input Rise or Fall Time
5
15
µs
10
4
15
1
t W
Set or Reset Pulse Width
5
180
90
ns
10
80
40
15
50
25
t se tu p
Data Setup Time
5
40
20
ns
10
20
10
15
15
7
* Input t
r,tf = 5ns.
** If more than unit is cascaded in a parallel clocked application, tr should be made less than or equal to the sum of the fixed
propagation delay time at 15pF and the transition time of the carry output driving stage for the estimated capacitive load.
HCC/HFC4013B
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com